Electronic Components Datasheet Search
  English  ▼

X  

LAN9514 Datasheet(PDF) 46 Page - SMSC Corporation

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9514 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button LAN9514 Datasheet HTML 41Page - SMSC Corporation LAN9514 Datasheet HTML 42Page - SMSC Corporation LAN9514 Datasheet HTML 43Page - SMSC Corporation LAN9514 Datasheet HTML 44Page - SMSC Corporation LAN9514 Datasheet HTML 45Page - SMSC Corporation LAN9514 Datasheet HTML 46Page - SMSC Corporation LAN9514 Datasheet HTML 47Page - SMSC Corporation LAN9514 Datasheet HTML 48Page - SMSC Corporation LAN9514 Datasheet HTML 49Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
Revision 1.0 (11-24-09)
46
SMSC LAN9514/LAN9514i
DATASHEET
4.6
Clock Circuit
LAN9514/LAN9514i can accept either a 25MHz crystal (preferred) or a 25MHz single-ended clock
oscillator (+/- 50ppm) input. If the single-ended clock oscillator method is implemented, XO should be
left unconnected and XI should be driven with a nominal 0-3.3V clock signal. The input clock duty cycle
is 40% minimum, 50% typical and 60% maximum.
It is recommended that a crystal utilizing matching parallel load capacitors be used for the crystal
input/output signals (XI/XO). See Table 4.7 for the recommended crystal specifications.
Note 4.13 The maximum allowable values for Frequency Tolerance and Frequency Stability are
application dependant. Since any particular application must meet the IEEE +/-50 PPM
Total PPM Budget, the combination of these two values must be approximately +/-45 PPM
(allowing for aging).
Note 4.14 Frequency Deviation Over Time is also referred to as Aging.
Note 4.15 The total deviation for the Transmitter Clock Frequency is specified by IEEE 802.3u as
+/- 50 PPM.
Note 4.16 0oC for commercial version, -40oC for industrial version.
Note 4.17 +70oC for commercial version, +85oC for industrial version.
Note 4.18 This number includes the pad, the bond wire and the lead frame. PCB capacitance is not
included in this value. The XO/XI pin and PCB capacitance values are required to
accurately calculate the value of the two external load capacitors. These two external load
capacitors determine the accuracy of the 25.000 MHz frequency.
Table 4.7 LAN9514/LAN9514i Crystal Specifications
PARAMETER
SYMBOL
MIN
NOM
MAX
UNITS
NOTES
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-
25.000
-
MHz
Frequency Tolerance @ 25oCFtol
-
-
+/-50
PPM
Note 4.13
Frequency Stability Over Temp
Ftemp
-
-
+/-50
PPM
Note 4.13
Frequency Deviation Over Time
Fage
-
+/-3 to 5
-
PPM
Note 4.14
Total Allowable PPM Budget
-
-
+/-50
PPM
Note 4.15
Shunt Capacitance
CO
-7 typ-
pF
Load Capacitance
CL
-
20 typ
-
pF
Drive Level
PW
300
-
-
uW
Equivalent Series Resistance
R1
--
50
Ohm
Operating Temperature Range
Note 4.16
-
Note 4.17
oC
LAN9514/LAN9514i XI Pin
Capacitance
-3 typ-
pF
Note 4.18
LAN9514/LAN9514i XO Pin
Capacitance
-3 typ-
pF
Note 4.18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com