Electronic Components Datasheet Search
  English  ▼

X  

TDA9901 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9901
Description  Wideband differential digital controlled variable gain amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9901 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9901 Datasheet HTML 1Page - NXP Semiconductors TDA9901 Datasheet HTML 2Page - NXP Semiconductors TDA9901 Datasheet HTML 3Page - NXP Semiconductors TDA9901 Datasheet HTML 4Page - NXP Semiconductors TDA9901 Datasheet HTML 5Page - NXP Semiconductors TDA9901 Datasheet HTML 6Page - NXP Semiconductors TDA9901 Datasheet HTML 7Page - NXP Semiconductors TDA9901 Datasheet HTML 8Page - NXP Semiconductors TDA9901 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TDA9901_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 14 August 2008
4 of 18
NXP Semiconductors
TDA9901
Wideband differential digital controlled variable gain amplifier
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration
TDA9901
TS
GRAY0
GRAY1
TE
GRAY2
CLK
VDDD
CLKN
VSSD
CMVGA
CMADC
IN
OUT
INN
OUTN
n.c.
n.c.
n.c.
VSSA
n.c.
VDDA
014aaa475
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
Table 3.
Pin description
Symbol
Pin
Description
GRAY0
1
digital control signal bit 0 input (Least Significant Bit (LSB))
TE
2
transparent enable input
CLK
3
clock input for gain control setting
CLKN
4
inverting clock input for gain control setting (active LOW)
CMVGA
5
regulator output common mode VGA input
IN
6
non-inverting analog input
INN
7
inverting analog input (active LOW)
n.c.
8
not connected
n.c.
9
not connected
n.c.
10
not connected
VDDA
11
analog supply voltage
VSSA
12
analog ground
n.c.
13
not connected
OUTN
14
inverting analog output (active LOW)
OUT
15
non-inverting analog output
CMADC
16
regulator output common mode ADC input
VSSD
17
digital ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com