Electronic Components Datasheet Search
  English  ▼

X  

TDA9901 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA9901
Description  Wideband differential digital controlled variable gain amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9901 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9901 Datasheet HTML 3Page - NXP Semiconductors TDA9901 Datasheet HTML 4Page - NXP Semiconductors TDA9901 Datasheet HTML 5Page - NXP Semiconductors TDA9901 Datasheet HTML 6Page - NXP Semiconductors TDA9901 Datasheet HTML 7Page - NXP Semiconductors TDA9901 Datasheet HTML 8Page - NXP Semiconductors TDA9901 Datasheet HTML 9Page - NXP Semiconductors TDA9901 Datasheet HTML 10Page - NXP Semiconductors TDA9901 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TDA9901_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 14 August 2008
7 of 18
NXP Semiconductors
TDA9901
Wideband differential digital controlled variable gain amplifier
Vn(o)(eq)
equivalent output noise
voltage
Rs = 100 Ω; fi = 20 MHz; Tamb =25 °C
G = 6 dB
-
75
-
nV/
√Hz
G = 12 dB
-
82
-
nV/
√Hz
G = 18 dB
-
97
-
nV/
√Hz
G = 24 dB
-
91
-
nV/
√Hz
G = 30 dB
-
124
-
nV/
√Hz
PSRR
power supply rejection
ratio
minimum gain; VDDA
0 MHz to 20 MHz
-
57
-
dB
20 MHz to 100 MHz
-
39
-
dB
minimum gain; VDDD
0 MHz to 20 MHz
-
67
-
dB
20 MHz to 100 MHz
-
51
-
dB
CMRR
common mode rejection
ratio
0 MHz to 20 MHz
-
75
-
dB
20 MHz to 100 MHz
-
45
-
dB
Analog inputs
Vi(p-p)(max)
maximum peak-to-peak
input voltage
minimum gain
-
1.0
-
V
maximum gain
-
60.4
-
mV
Vi(cm)
common-mode input
voltage
2.0
2.7
VDDA − 1.9
V
Ii
input current
Vi(cm) = 2.7 V
-
55
-
µA
Ri
input resistance
10
-
-
k
Ω
Ci
input capacitance
-
-
5
pF
Analog outputs[2]
Vo(dif)(p-p)max maximum peak-to-peak
differential output
voltage
maximum gain
2.0
-
-
V
minimum gain
2.0
-
-
V
VO(cm)
common-mode output
voltage
referenced to VDDA;
Tamb =25 °C
VDDA − 2.56 VDDA − 2.42 VDDA − 2.29 V
∆VO(cm)/∆T common-mode output
voltage variation with
temperature
-
−1.8
-
mV/
°C
SRse
single-ended slew rate
-
275
-
V/
µs
Ro
output resistance
-
15
26
Ω
Co
output capacitance
-
3
-
pF
Variable gain amplifier dynamic performance; CL = 5 pF; RL = 680 Ω; see Figure 6, 7, 8, 9 and 10
α2H
second harmonic level
Vo = Vo(max)
fi = 0.5 MHz
-
−80
−67
dBc
fi = 4.43 MHz
-
−77
−67
dBc
fi = 12.5 MHz
-
−76
−65
dBc
fi = 21.4 MHz
-
−74
−62
dBc
Table 6.
Characteristics …continued
VDDA = V11 to V12 = 4.75 V to 5.25 V; VDDD = V18 to V17 = 3.0 V to 5.25 V; VSSA and VSSD shorted together;
Tamb = −40 °C to +85 °C; typical values measured at VCCA = 5.0 V; VCCD = 3.3 V and Tamb =25 °C unless otherwise specified
[1].
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com