Electronic Components Datasheet Search
  English  ▼

X  

TDA9901 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9901
Description  Wideband differential digital controlled variable gain amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9901 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9901 Datasheet HTML 4Page - NXP Semiconductors TDA9901 Datasheet HTML 5Page - NXP Semiconductors TDA9901 Datasheet HTML 6Page - NXP Semiconductors TDA9901 Datasheet HTML 7Page - NXP Semiconductors TDA9901 Datasheet HTML 8Page - NXP Semiconductors TDA9901 Datasheet HTML 9Page - NXP Semiconductors TDA9901 Datasheet HTML 10Page - NXP Semiconductors TDA9901 Datasheet HTML 11Page - NXP Semiconductors TDA9901 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TDA9901_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 14 August 2008
8 of 18
NXP Semiconductors
TDA9901
Wideband differential digital controlled variable gain amplifier
α
3H
third harmonic level
Vo = Vo(max); Tamb =25 °C
fi = 0.5 MHz
-
−64
−60
dBc
fi = 4.43 MHz
-
−64
−59
dBc
fi = 12.5 MHz
-
−62
−58
dBc
fi = 21.4 MHz
-
−61
−57
dBc
∆α3H/∆T
third harmonic level
variation with
temperature
fi = 21.4 MHz
-
80
-
mdB/
°C
Reference voltage output ADC: pin CMADC
Vref
reference voltage
referenced to VDDA;
Tamb =25 °C
VDDA − 1.64 VDDA − 1.45 VDDA − 1.26 V
Ro
output resistance
Tamb =25 °C
-
17
26
Ω
∆Vo(ref)/∆T
reference output voltage
variation with
temperature
-
−0.11
-
mV/
°C
Io(max)
maximum output current
-
1.0
-
mA
Co
output capacitance
-
3
-
pF
Reference voltage output VGA: pin CMVGA
Vref
reference voltage
referenced to VDDA;
Tamb =25 °C
VDDA − 2.48 VDDA − 2.30 VDDA − 2.17 V
Ro
output resistance
Tamb =25 °C-
9
20
Ω
∆Vo(ref)/∆T
reference output voltage
variation with
temperature
-
1.75
-
mV/
°C
Io(max)
maximum output current
-
1.0
-
mA
Co
output capacitance
-
3
-
pF
Gain switching characteristics (in latched mode); fclk = 52 MHz; Tamb = 25 °C; see Figure 3
th
hold time
2.0
-
-
ns
tsu
set-up time
3.8
-
-
ns
tw
pulse width
5.8
-
-
ns
tPD
propagation delay
-
4.2
5.9
ns
ts
settling time
10 % to 90 % full scale if
±6 dB gain change
[3] -
2.6
3.2
ns
Gain switching characteristics (in transparent mode); fclk = 52 MHz; Tamb = 25 °C; see Figure 4
tPD
propagation delay
-
6.7
9.5
ns
ts
settling time
10 % to 90 % full scale if
±6 dB gain change
[4] -
5.4
6.9
ns
Clock timing input: pins CLK and CLKN (see Figure 3)
fclk(max)
maximum clock
frequency
52
-
-
MHz
tw(clk)L
LOW clock pulse width
4.0
-
-
ns
tw(clk)H
HIGH clock pulse width
4.0
-
-
ns
Table 6.
Characteristics …continued
VDDA = V11 to V12 = 4.75 V to 5.25 V; VDDD = V18 to V17 = 3.0 V to 5.25 V; VSSA and VSSD shorted together;
Tamb = −40 °C to +85 °C; typical values measured at VCCA = 5.0 V; VCCD = 3.3 V and Tamb =25 °C unless otherwise specified
[1].
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com