Electronic Components Datasheet Search
  English  ▼

X  

TDA9901 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9901
Description  Wideband differential digital controlled variable gain amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9901 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9901 Datasheet HTML 5Page - NXP Semiconductors TDA9901 Datasheet HTML 6Page - NXP Semiconductors TDA9901 Datasheet HTML 7Page - NXP Semiconductors TDA9901 Datasheet HTML 8Page - NXP Semiconductors TDA9901 Datasheet HTML 9Page - NXP Semiconductors TDA9901 Datasheet HTML 10Page - NXP Semiconductors TDA9901 Datasheet HTML 11Page - NXP Semiconductors TDA9901 Datasheet HTML 12Page - NXP Semiconductors TDA9901 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TDA9901_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 14 August 2008
9 of 18
NXP Semiconductors
TDA9901
Wideband differential digital controlled variable gain amplifier
[1]
Due to the behavior of the on-chip regulator a warm-up time of 1 minute (typical) is recommended for optimal performance.
[2]
The analog output voltages are positive with respect to VSSA.
[3]
In latching mode (pin TE LOW), the gain settling is latched at the rising edge of the clock input.
[4]
In transparent mode, the gain settling is directly controlled by the input data pattern.
[5]
The circuit may be used with a single TTL clock on CLK or CLKN. The unused clock pin has to be decoupled to ground with a 100 nF
capacitance.
[6]
There are four modes of operation for the clock inputs in non-TTL mode:
a) PECL mode 1: (DC level vary 1 : 1 with VDDA) CLK and CLKN inputs are differential PECL levels.
b) PECL mode 2: (DC level vary 1 : 1 with VDDA) CLK input is at PECL level and gain change takes place on the rising edge of the clock
input signal when in latched mode. A DC level of 3.65 V has to be applied on CLKN decoupled to VSSD via a 100 nF capacitor.
c) PECL mode 3: (DC level vary 1 : 1 with VDDA) CLKN input is at PECL level and gain change takes place on the rising edge of the
clock input signal when in latched mode. A DC level of 3.65 V has to be applied on CLK decoupled to VSSD via a 100 nF capacitor.
d) AC driving mode 4: when driving the CLK input directly and with any AC signal of minimum 0.1 V (p-p) and with a DC level of 2.5 V,
the gain change takes place on the rising edge of the clock signal. When driving the CLKN input with the same signal, gain change
takes place on the falling edge of the clock signal. NXP Semiconductors recommends decoupling of the CLKN or CLK input to VSSD
via a 100 nF capacitor.
tr
rise time
-
4.0
-
ns
tf
fall time
-
4.0
-
ns
Digital inputs: pins TE, GRAY0, GRAY1 and GRAY2
VIL
LOW-level input voltage
0
-
0.8
V
VIH
HIGH-level input voltage
2.0
-
VDDD
V
IIH
HIGH-level input current
−10
-
+10
µA
IIL
LOW-level input current
−10
-
+10
µA
Ci
input capacitance
-
-
3
pF
Clock inputs in TTL mode
VIL
LOW-level input voltage
[5] 0
-
0.8
V
VIH
HIGH-level input voltage
[5] 2.0
-
VDDD
V
IIH
HIGH-level input current
15
-
80
µA
IIL
LOW-level input current
−40
-
−10
µA
Ci
input capacitance
-
-
2
pF
Clock inputs in differential mode
VIL
LOW-level input voltage
VDDA = 5.0 V
[6] 3.19
-
3.52
V
VIH
HIGH-level input voltage VDDA = 5.0 V
[6] 3.83
-
4.12
V
IIH
HIGH-level input current
15
-
80
µA
IIL
LOW-level input current
−40
-
−5
µA
Ci
input capacitance
-
-
2
pF
Vi(dif)(p-p)
peak-to-peak differential
input voltage
DC voltage level = 2.5 V
0.1
-
2.0
V
Table 6.
Characteristics …continued
VDDA = V11 to V12 = 4.75 V to 5.25 V; VDDD = V18 to V17 = 3.0 V to 5.25 V; VSSA and VSSD shorted together;
Tamb = −40 °C to +85 °C; typical values measured at VCCA = 5.0 V; VCCD = 3.3 V and Tamb =25 °C unless otherwise specified
[1].
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com