Electronic Components Datasheet Search
  English  ▼

X  

TDA9901 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA9901
Description  Wideband differential digital controlled variable gain amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9901 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA9901 Datasheet HTML 8Page - NXP Semiconductors TDA9901 Datasheet HTML 9Page - NXP Semiconductors TDA9901 Datasheet HTML 10Page - NXP Semiconductors TDA9901 Datasheet HTML 11Page - NXP Semiconductors TDA9901 Datasheet HTML 12Page - NXP Semiconductors TDA9901 Datasheet HTML 13Page - NXP Semiconductors TDA9901 Datasheet HTML 14Page - NXP Semiconductors TDA9901 Datasheet HTML 15Page - NXP Semiconductors TDA9901 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TDA9901_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 14 August 2008
12 of 18
NXP Semiconductors
TDA9901
Wideband differential digital controlled variable gain amplifier
(1)
α
3H.
(2)
α
2H.
Typical condition; 2 V (p-p) differential output
(1)
α
3H.
(2)
α
2H.
Typical condition; 2 V (p-p) differential output
Fig 6.
Harmonic Distortion (HD) as a function of
frequency for minimum gain
Fig 7.
Harmonic Distortion (HD) as a function of
frequency for minimum gain plus 6 dB
014aaa469
−75
−65
−55
HD
(dBc)
−85
f (MHz)
10−1
102
10
1
(1)
(2)
014aaa470
−75
−65
−55
HD
(dBc)
−85
f (MHz)
10−1
102
10
1
(1)
(2)
(1)
α
3H.
(2)
α
2H.
Typical condition; 2 V (p-p) differential output
(1)
α
3H.
(2)
α
2H.
Typical condition; 2 V (p-p) differential output
Fig 8.
Harmonic Distortion (HD) as a function of
frequency for minimum gain plus 12 dB
Fig 9.
Harmonic Distortion (HD) as a function of
frequency for minimum gain plus 18 dB
014aaa471
−75
−65
−55
HD
(dBc)
−85
f (MHz)
10−1
102
10
1
(1)
(2)
014aaa472
−75
−65
−55
HD
(dBc)
−85
f (MHz)
10−1
102
10
1
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com