Electronic Components Datasheet Search
  English  ▼

X  

TDA9901 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA9901
Description  Wideband differential digital controlled variable gain amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9901 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA9901 Datasheet HTML 1Page - NXP Semiconductors TDA9901 Datasheet HTML 2Page - NXP Semiconductors TDA9901 Datasheet HTML 3Page - NXP Semiconductors TDA9901 Datasheet HTML 4Page - NXP Semiconductors TDA9901 Datasheet HTML 5Page - NXP Semiconductors TDA9901 Datasheet HTML 6Page - NXP Semiconductors TDA9901 Datasheet HTML 7Page - NXP Semiconductors TDA9901 Datasheet HTML 8Page - NXP Semiconductors TDA9901 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TDA9901_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 14 August 2008
5 of 18
NXP Semiconductors
TDA9901
Wideband differential digital controlled variable gain amplifier
8.
Functional description
The TDA9901 provides a digitally controlled variable gain function for high-frequency
applications.
The TDA9901 can be operated in two different modes, depending on the value at pin TE.
When TE is at logic 1, the gain can be instantly controlled when the clock signal is HIGH
(transparent mode). The gain is fixed during the LOW period of the clock. When TE is at
logic 0 the gain of the TDA9901 is changed at the rising edge of the clock signal.
9.
Limiting values
10. Thermal characteristics
VDDD
18
digital supply voltage
GRAY2
19
digital control signal bit 2 input (Most Significant Bit (MSB))
GRAY1
20
digital control signal bit 1 input
Table 3.
Pin description …continued
Symbol
Pin
Description
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA
analog supply voltage
−0.3
+7.0
V
VDDD
digital supply voltage
−0.3
+7.0
V
∆VDD
supply voltage difference
VDDA − VDDD
−0.1
+4.0
V
VI
input voltage
−0.3
+7.0
V
IO
output current
-
10
mA
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
-
150
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Value
Unit
Rth(j-a)
thermal resistance from junction to
ambient
in free air
120
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com