Electronic Components Datasheet Search
  English  ▼

X  

HT68F03 Datasheet(PDF) 102 Page - Holtek Semiconductor Inc

Part # HT68F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F03 Datasheet(HTML) 102 Page - Holtek Semiconductor Inc

Back Button HT68F03 Datasheet HTML 98Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 99Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 100Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 101Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 102Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 103Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 104Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 105Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 106Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 139 page
background image
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
102
April 16, 2010
F F E H
(
)
A / D C o n v e r s i o n
R e s u l t
F F F H
F F D H
0 3 H
0 2 H
0 1 H
0 . 5 L S B
0
1
2
3
4 0 9 3 4 0 9 4 4 0 9 5 4 0 9 6
A n a l o g I n p u t V o l t a g e
1 . 5 L S B
V D D o r V R E F
4 0 9 6
Ideal A/D Transfer Function
t A D C
A / D c o n v e r s i o n t i m e
0 1 1 B
0 1 0 B
S T A R T
E O C B
A C S 4 , A C S 1 ,
A C S 0
P o w e r - o n
R e s e t
E n d o f A / D
c o n v e r s i o n
1 : D e f i n e p o r t c o n f i g u r a t i o n
2 : S e l e c t a n a l o g c h a n n e l
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
A / D s a m p l i n g t i m e
t A D S
0 0 0 B
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
0 0 1 B
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
E n d o f A / D
c o n v e r s i o n
A / D s a m p l i n g t i m e
t A D S
o f f
o n
o n
t O N 2 S T
t A D C
A / D c o n v e r s i o n t i m e
o f f
A D O F F
A D C M o d u l e
O N
A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com