Electronic Components Datasheet Search
  English  ▼

X  

HT68F03 Datasheet(PDF) 106 Page - Holtek Semiconductor Inc

Part # HT68F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F03 Datasheet(HTML) 106 Page - Holtek Semiconductor Inc

Back Button HT68F03 Datasheet HTML 102Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 103Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 104Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 105Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 106Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 107Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 108Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 109Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 110Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 139 page
background image
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
106
April 16, 2010
Interrupts
Interrupts are an important part of any microcontroller
system. When an external event or an internal function
such as a Timer Module or an A/D converter requires
microcontroller attention, their corresponding interrupt
will enforce a temporary suspension of the main pro-
gram allowing the microcontroller to direct attention to
their respective needs. The device contains several ex-
ternal interrupt and internal interrupts functions. The ex-
ternal interrupt is generated by the action of the external
INT pin, while the internal interrupts are generated by
various internal functions such as the TMs, Comparator,
Time Base, LVD, EEPROM, SIM and the A/D converter.
Interrupt Registers
Overall interrupt control, which basically means the set-
ting of request flags when certain microcontroller condi-
tions occur and the setting of interrupt enable bits by the
application program, is controlled by a series of regis-
ters, located in the Special Purpose Data Memory, as
shown in the accompanying table. The number of regis-
ters depends upon the device chosen but fall into three
categories. The first is the INTC0~INTC2 registers
which setup the primary interrupts, the second is the
MFI0~MFI2 registers which setup the Multi-function in-
terrupts. Finally there is an INTEG register to setup the
external interrupt trigger edge type.
Each register contains a number of enable bits to enable
or disable individual registers as well as interrupt flags to
indicate the presence of an interrupt request. The nam-
ing convention of these follows a specific pattern. First is
listed an abbreviated interrupt type, then the (optional)
number of that interrupt followed by either an
²E² for en-
able/disable bit or
²F² for request flag.
Function
Enable
Bit
Request
Flag
Notes
Global
EMI
¾¾
INT Pin
INTE
INTF
¾
Comparator
CPE
CPF
¾
A/D Converter
ADE
ADF
¾
Multi-function
MFnE
MFnF
n=0~2
Time Base
TBnE
TBnF
n=0~1
LVD
LVE
LVF
¾
EEPROM
DEE
DEF
¾
TM
TnPE
TnPF
n=0~2
TnAE
TnAF
TnBE
TnBF
n=2
Interrupt Register Bit Naming Conventions
· Interrupt Register Contents
¨ HT66F03
Name
Bit
76543210
INTEG
¾¾¾¾
INTS1
INTS0
INTC0
¾
MF0F
CPF
INTF
MF0E
CPE
INTE
EMI
INTC1
TB0F
ADF
MF2F
¾
TB0E
ADE
MF2E
¾
INTC2
¾¾¾
TB1F
¾¾¾
TB1E
MFI0
T1AF
T1PF
T0AF
T0PF
T1AE
T1PE
T0AE
T0PE
MFI1*
Reserved
MFI2
¾¾
DEF
LVF
¾¾
DEE
LVE
* MFI1 register is reserved for advanced expansion. It is recommended that do not access the MFI1 register and
keep its initial setting to avoid malfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com