Electronic Components Datasheet Search
  English  ▼

X  

HT68F03 Datasheet(PDF) 123 Page - Holtek Semiconductor Inc

Part # HT68F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F03 Datasheet(HTML) 123 Page - Holtek Semiconductor Inc

Back Button HT68F03 Datasheet HTML 119Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 120Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 121Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 122Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 123Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 124Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 125Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 126Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 127Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 139 page
background image
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device during the program-
ming process. During the development process, these options are selected using the HT-IDE software development
tools. As these options are programmed into the device using the hardware programming tools, once they are selected
they cannot be changed later using the application program. All options must be defined for proper system function, the
details of which are shown in the table.
No.
Options
Oscillator Options
1
High Speed/Low Speed System Oscillator Selection - fOSC:
1. HXT + LIRC
2. ERC + LIRC
3. HIRC + LIRC
4. HIRC + LXT
2
WDT Clock Selection - fS:
1. fSUB
2. fSYS/4
3
HIRC Frequency Selection:
1. 4MHz
2. 8MHz
3. 12MHz
Note: The fSUB and the fTBC clock source are LXT or LIRC selection by the fOSC configuration option.
Reset Pin Options
4
PA7/RES Pin Options:
1. RES pin
2. I/O pin
Watchdog Options
5
Watchdog Timer Function:
1. Enable
2. Disable
6
CLRWDT Instructions Selection:
1. 1 instructions
2. 2 instructions
LVR Options
7
LVR Function:
1. Enable
2. Disable
8
LVR Voltage Selection:
1. 2.10V
2. 2.55V
3. 3.15V
4. 4.20V
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
123
April 16, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com