Electronic Components Datasheet Search
  English  ▼

X  

12F629 Datasheet(PDF) 24 Page - Microchip Technology

Part # 12F629
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F629 Datasheet(HTML) 24 Page - Microchip Technology

Back Button 12F629 Datasheet HTML 20Page - Microchip Technology 12F629 Datasheet HTML 21Page - Microchip Technology 12F629 Datasheet HTML 22Page - Microchip Technology 12F629 Datasheet HTML 23Page - Microchip Technology 12F629 Datasheet HTML 24Page - Microchip Technology 12F629 Datasheet HTML 25Page - Microchip Technology 12F629 Datasheet HTML 26Page - Microchip Technology 12F629 Datasheet HTML 27Page - Microchip Technology 12F629 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 136 page
background image
PIC12F629/675
DS41190G-page 24
 2010 Microchip Technology Inc.
3.3
Pin Descriptions and Diagrams
Each GPIO pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions
such as the comparator or the A/D, refer to the
appropriate section in this Data Sheet.
3.3.1
GP0/AN0/CIN+
Figure 3-1 shows the diagram for this pin. The GP0 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the A/D (PIC12F675 only)
• an analog input to the comparator
3.3.2
GP1/AN1/CIN-/VREF
Figure 3-1 shows the diagram for this pin. The GP1 pin
is configurable to function as one of the following:
• as a general purpose I/O
• an analog input for the A/D (PIC12F675 only)
• an analog input to the comparator
• a voltage reference input for the A/D (PIC12F675
only)
FIGURE 3-1:
BLOCK DIAGRAM OF GP0
AND GP1 PINS
I/O pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
Data Bus
WR
WPU
RD
WPU
RD PORT
RD
PORT
WR
PORT
WR
TRISIO
RD
TRISIO
WR
IOC
RD
IOC
Interrupt-on-Change
To Comparator
To A/D Converter
Analog
Input Mode
GPPU
Analog
Input Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com