Electronic Components Datasheet Search
  English  ▼

X  

12F629 Datasheet(PDF) 56 Page - Microchip Technology

Part # 12F629
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F629 Datasheet(HTML) 56 Page - Microchip Technology

Back Button 12F629 Datasheet HTML 52Page - Microchip Technology 12F629 Datasheet HTML 53Page - Microchip Technology 12F629 Datasheet HTML 54Page - Microchip Technology 12F629 Datasheet HTML 55Page - Microchip Technology 12F629 Datasheet HTML 56Page - Microchip Technology 12F629 Datasheet HTML 57Page - Microchip Technology 12F629 Datasheet HTML 58Page - Microchip Technology 12F629 Datasheet HTML 59Page - Microchip Technology 12F629 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 136 page
background image
PIC12F629/675
DS41190G-page 56
 2010 Microchip Technology Inc.
9.2.3
EXTERNAL CLOCK IN
For applications where a clock is already available
elsewhere, users may directly drive the PIC12F629/
675 provided that this external clock source meets the
AC/DC timing requirements listed in Section 12.0
“Electrical Specifications”. Figure 9-2 shows how
an external clock circuit should be configured.
9.2.4
RC OSCILLATOR
For applications where precise timing is not a
requirement, the RC oscillator option is available. The
operation and functionality of the RC oscillator is
dependent upon a number of variables. The RC
oscillator frequency is a function of:
• Supply voltage
• Resistor (REXT) and capacitor (CEXT) values
• Operating temperature.
The oscillator frequency will vary from unit to unit due
to normal process parameter variation. The difference
in lead frame capacitance between package types will
also affect the oscillation frequency, especially for low
CEXT values. The user also needs to account for the
tolerance of the external R and C components.
Figure 9-3 shows how the R/C combination is
connected.
Two options are available for this Oscillator mode
which allow GP4 to be used as a general purpose I/O
or to output FOSC/4.
FIGURE 9-3:
RC OSCILLATOR MODE
9.2.5
INTERNAL 4 MHZ OSCILLATOR
When calibrated, the internal oscillator provides a fixed
4 MHz (nominal) system clock. See Electrical
Specifications, Section 12.0 “Electrical Specifica-
tions”, for information on variation over voltage and
temperature.
Two options are available for this Oscillator mode
which allow GP4 to be used as a general purpose I/O
or to output FOSC/4.
9.2.5.1
Calibrating the Internal Oscillator
A calibration instruction is programmed into the last
location of program memory. This instruction is a
RETLW XX
, where the literal is the calibration value.
The literal is placed in the OSCCAL register to set the
calibration of the internal oscillator. Example 9-1
demonstrates how to calibrate the internal oscillator.
For best operation, decouple (with capacitance) VDD
and VSS as close to the device as possible.
EXAMPLE 9-1:
CALIBRATING THE
INTERNAL OSCILLATOR
9.2.6
CLKOUT
The PIC12F629/675 devices can be configured to
provide a clock out signal in the INTOSC and RC
oscillator modes. When configured, the oscillator
frequency divided by four (FOSC/4) is output on the
GP4/OSC2/CLKOUT pin. FOSC/4 can be used for test
purposes or to synchronize other logic.
GP4/OSC2/CLKOUT
CEXT
VDD
REXT
VSS
PIC12F629/675
GP5/OSC1/
FOSC/4
Internal
Clock
CLKIN
Note:
Erasing the device will also erase the pre-
programmed internal calibration value for
the internal oscillator. The calibration value
must be saved prior to erasing part as
specified in the PIC12F629/675 Program-
ming specification. Microchip Develop-
ment Tools maintain all Calibration bits to
factory settings.
BSF
STATUS, RP0
;Bank 1
CALL
3FFh
;Get the cal value
MOVWF
OSCCAL
;Calibrate
BCF
STATUS, RP0
;Bank 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com