Electronic Components Datasheet Search
  English  ▼

X  

12F629 Datasheet(PDF) 128 Page - Microchip Technology

Part # 12F629
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F629 Datasheet(HTML) 128 Page - Microchip Technology

Back Button 12F629 Datasheet HTML 124Page - Microchip Technology 12F629 Datasheet HTML 125Page - Microchip Technology 12F629 Datasheet HTML 126Page - Microchip Technology 12F629 Datasheet HTML 127Page - Microchip Technology 12F629 Datasheet HTML 128Page - Microchip Technology 12F629 Datasheet HTML 129Page - Microchip Technology 12F629 Datasheet HTML 130Page - Microchip Technology 12F629 Datasheet HTML 131Page - Microchip Technology 12F629 Datasheet HTML 132Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 136 page
background image
PIC12F629/675
DS41190G-page 128
2010 Microchip Technology Inc.
APPENDIX C: DEVICE MIGRATIONS
This section is intended to describe the functional and
electrical specification differences when migrating
between functionally similar devices (such as from a
PIC16C74A to a PIC16C74B).
Not Applicable
APPENDIX D: MIGRATING FROM
OTHER PIC®
DEVICES
This discusses some of the issues in migrating from
other PIC devices to the PIC12F6XX family of devices.
D.1
PIC12C67X to PIC12F6XX
TABLE 1:
FEATURE COMPARISON
Feature
PIC12C67X
PIC12F6XX
Max Operating Speed
10 MHz
20 MHz
Max Program Memory
2048 bytes
1024 bytes
A/D Resolution
8-bit
10-bit
Data EEPROM
16 bytes
64 bytes
Oscillator Modes
5
8
Brown-out Detect
N
Y
Internal Pull-ups
GP0/1/3
GP0/1/2/4/5
Interrupt-on-change
GP0/1/3
GP0/1/2/3/4/5
Comparator
N
Y
Note:
This device has been designed to perform
to the parameters of its data sheet. It has
been tested to an electrical specification
designed to determine its conformance
with these parameters. Due to process
differences in the manufacture of this
device, this device may have different
performance characteristics than its earlier
version. These differences may cause this
device to perform differently in your
application than the earlier version of this
device.
Note:
The user should verify that the device
oscillator starts and performs as expected.
Adjusting the loading capacitor values and/
or the oscillator mode may be required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com