Electronic Components Datasheet Search
  English  ▼

X  

LTC3632 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3632
Description  High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3632 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3632 Datasheet HTML 10Page - Linear Technology LTC3632 Datasheet HTML 11Page - Linear Technology LTC3632 Datasheet HTML 12Page - Linear Technology LTC3632 Datasheet HTML 13Page - Linear Technology LTC3632 Datasheet HTML 14Page - Linear Technology LTC3632 Datasheet HTML 15Page - Linear Technology LTC3632 Datasheet HTML 16Page - Linear Technology LTC3632 Datasheet HTML 17Page - Linear Technology LTC3632 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LTC3632
14
3632fb
APPLICATIONS INFORMATION
rating of 6V. To keep the voltage on the HYST pin from
exceeding 6V, the following relation should be satisfied:
VIN(MAX) •
R3
R1+R2 +R3
< 6V
The RUN pin may also be directly tied to the VIN supply
for applications that do not require the programmable
undervoltage lockout feature. In this configuration, switch-
ing is enabled when VINsurpassestheinternalundervoltage
lockout threshold.
Soft-Start
The internal 0.75ms soft-start is implemented by ramping
both the effective reference voltage from 0V to 0.8V and the
peak current limit set by the ISET pin (10mA to 50mA).
To increase the duration of the reference voltage soft-start,
place a capacitor from the SS pin to ground. An internal
5μA pull-up current will charge this capacitor, resulting in
a soft-start ramp time given by:
tC
V
μA
SS
SS
=
•
.
08
5
When the LTC3632 detects a fault condition (input supply
undervoltage or overvoltage) or when the RUN pin falls
below 1.1V, the SS pin is quickly pulled to ground and the
internal soft-start timer is reset. This ensures an orderly
restart when using an external soft-start capacitor.
The duration of the 0.75ms internal peak current soft-
start may be increased by placing a capacitor from the
ISET pin to ground. The peak current soft-start will ramp
from 10mA to the final peak current value determined by a
resistor from ISET to ground. A 1μA current is sourced out
of the ISET pin. With only a capacitor connected between
ISET and ground, the peak current ramps linearly from
10mA to 50mA, and the peak current soft-start time can
be expressed as:
tC
V
μA
SS ISET
ISET
()
•
.
=
08
1
A linear ramp of peak current appears as a quadratic
waveform on the output voltage. For the case where the
peak current is reduced by placing a resistor from ISET
to ground, the peak current offset ramps as a decaying
exponential with a time constant of RISET • CISET. For this
case, the peak current soft-start time is approximately
3 • RISET • CISET.
Unlike the SS pin, the ISET pin does not get pulled to ground
during an abnormal event; however, if the ISET pin is float-
ing (programmed to 50mA peak current), the SS and ISET
pins may be tied together and connected to a capacitor
to ground. For this special case, both the peak current
and the reference voltage will soft-start on power-up and
after fault conditions. The ramp time for this combination
is CSS(ISET) • (0.8V/6μA).
Efficiency Considerations
The efficiency of a switching regulator is equal to the output
power divided by the input power times 100%. It is often
useful to analyze individual losses to determine what is
limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of
the losses: VIN operating current and I2R losses. The VIN
operating current dominates the efficiency loss at very
low load currents whereas the I2R loss dominates the
efficiency loss at medium to high load currents.
1. The VIN operating current comprises two components:
The DC supply current as given in the electrical charac-
teristics and the internal MOSFET gate charge currents.
The gate charge current results from switching the gate
capacitance of the internal power MOSFET switches.
Each time the gate is switched from high to low to
high again, a packet of charge, dQ, moves from VIN to
ground. The resulting dQ/dt is the current out of VIN
that is typically larger than the DC bias current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com