Electronic Components Datasheet Search
  English  ▼

X  

LTC3632 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3632
Description  High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3632 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3632 Datasheet HTML 14Page - Linear Technology LTC3632 Datasheet HTML 15Page - Linear Technology LTC3632 Datasheet HTML 16Page - Linear Technology LTC3632 Datasheet HTML 17Page - Linear Technology LTC3632 Datasheet HTML 18Page - Linear Technology LTC3632 Datasheet HTML 19Page - Linear Technology LTC3632 Datasheet HTML 20Page - Linear Technology LTC3632 Datasheet HTML 21Page - Linear Technology LTC3632 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LTC3632
18
3632fb
TYPICAL APPLICATIONS
Small Size, Limited Peak Current, 4mA Regulator
VIN
LTC3632
RUN
CIN
1μF
R3
470k
R4
100k
R5
33k
ISET
3632 TA05a
SW
VIN
7V TO 50V
VOUT
5V
4mA
VFB
SS
HYST
GND
L1
2.2mH
R1
470k
R2
88.7k
CIN: TDK C3225X7R1H105KT
COUT: AVX 08056D106KAT2A
L1: MURATA LQH43NN222K03
COUT
10μF
VIN
LTC3632
RUN
CIN
1μF
SS
3642 TA07a
SW
VIN
15V TO 50V
VOUT
15V
4mA
VFB
HYST
ISET
GND
L1
10mH
R1
3M
R2
169k
CIN: AVX 18125C105KAT2A
COUT: TDK C3216X7R1E475KT
L1: COILCRAFT LPS6235-106ML
COUT
4.7μF
LOAD CURRENT (mA)
0.1
50
55
65
75
85
14
3632 TA07b
95
60
70
80
90
VIN = 24V
VIN = 36V
VIN = 48V
High Efficiency 15V, 4mA Regulator
Efficiency vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com