Electronic Components Datasheet Search
  English  ▼

X  

LTC3632 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3632
Description  High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3632 Datasheet(HTML) 5 Page - Linear Technology

  LTC3632 Datasheet HTML 1Page - Linear Technology LTC3632 Datasheet HTML 2Page - Linear Technology LTC3632 Datasheet HTML 3Page - Linear Technology LTC3632 Datasheet HTML 4Page - Linear Technology LTC3632 Datasheet HTML 5Page - Linear Technology LTC3632 Datasheet HTML 6Page - Linear Technology LTC3632 Datasheet HTML 7Page - Linear Technology LTC3632 Datasheet HTML 8Page - Linear Technology LTC3632 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC3632
5
3632fb
TYPICAL PERFORMANCE CHARACTERISTICS
Peak Current Trip Threshold
vs RISET
Quiescent Supply Current
vs Input Voltage
Quiescent Supply Current
vs Temperature
Switch On-Resistance
vs Input Voltage
Switch On-Resistance
vs Temperature
Switch Leakage Current
vs Temperature
Operating Waveforms
Peak Current Trip Threshold
vs Input Voltage
RISET (kΩ)
0
0
10
20
30
40
60
200
400
600
800
3632 G10
1000
1200
50
VIN = 10V
INPUT VOLTAGE (V)
0
20
40
60
10
30
50
10
20
30
40
3632 G11
50
5
015
25
35
45
ISET OPEN
ISET = GND
RSET = 500k
VIN = 10V
INPUT VOLTAGE (V)
5
10
12
14
SLEEP
45
3632 G12
8
6
15
25
35
4
2
0
SHUTDOWN
TEMPERATURE (°C)
–40
10
12
14
SLEEP
110
3632 G13
8
6
–10
20
50
80
4
2
0
SHUTDOWN
VIN = 10V
INPUT VOLTAGE (V)
0
6
7
8
40
3632 G14
5
4
10
20
TOP
BOTTOM
30
50
3
2
1
TEMPERATURE (°C)
5
6
7
3632 G15
3
0
–40
–10
20
50
80
110
8
4
2
1
VIN = 10V
TOP
BOTTOM
RUN Comparator Threshold
Voltage vs Temperature
TEMPERATURE (°C)
0
0.10
0.20
0.30
0.05
0.15
0.25
–10
20
50
3632 G16
–40
80
110
SW = 0V
SW = 50V
VIN = 50V
TEMPERATURE (°C)
–40
1.00
1.05
1.10
1.15
1.20
1.30
–10
20
50
80
3632 G17
110
1.25
RISING
FALLING
SWITCH
VOLTAGE
20V/DIV
OUTPUT
VOLTAGE
100mV/DIV
INDUCTOR
CURRENT
50mA/DIV
20μs/DIV
VIN = 48V
VOUT = 5V
ILOAD = 10mA
3632 G18
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com