Electronic Components Datasheet Search
  English  ▼

X  

LTC3632 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3632
Description  High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3632 Datasheet(HTML) 4 Page - Linear Technology

  LTC3632 Datasheet HTML 1Page - Linear Technology LTC3632 Datasheet HTML 2Page - Linear Technology LTC3632 Datasheet HTML 3Page - Linear Technology LTC3632 Datasheet HTML 4Page - Linear Technology LTC3632 Datasheet HTML 5Page - Linear Technology LTC3632 Datasheet HTML 6Page - Linear Technology LTC3632 Datasheet HTML 7Page - Linear Technology LTC3632 Datasheet HTML 8Page - Linear Technology LTC3632 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC3632
4
3632fb
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current,
VOUT = 5V
Efficiency vs Input Voltage
Line Regulation
Load Regulation
Feedback Comparator Trip
Voltage vs Temperature
Feedback Comparator Hysteresis
Voltage vs Temperature
Peak Current Trip Threshold
vs Temperature and ISET
LOAD CURRENT (mA)
0.1
70
75
80
85
90
110
3632 G01
65
60
55
50
95
100
VIN = 12V
VIN = 24V
VIN = 48V
VOUT = 5V
FIGURE 11 CIRCUIT
VIN = 36V
Efficiency vs Load Current,
VOUT = 3.3V
LOAD CURRENT (mA)
0.1
70
75
80
85
90
110
3632 G02
65
60
55
50
95
100
VIN = 12V
VIN = 24V
VIN = 48V
VOUT = 3.3V
FIGURE 11 CIRCUIT
VIN = 36V
Efficiency vs Load Current,
VOUT = 2.5V
LOAD CURRENT (mA)
0.1
70
75
80
85
90
110
3632 G03
65
60
55
50
95
100
VIN = 12V
VIN = 24V
VIN = 48V
VOUT = 2.5V
FIGURE 11 CIRCUIT
VIN = 36V
INPUT VOLTAGE (V)
10
70
75
80
85
90
20
30
40
50
3632 G04
95
100
15
25
35
45
VOUT = 5V
FIGURE 11 CIRCUIT
ILOAD = 20mA
ILOAD = 5mA
ILOAD = 1mA
INPUT VOLTAGE (V)
5
–0.50
–0.40
–0.20
–0.10
0
0.50
0.20
15
25
30
50
3632 G05
–0.30
0.30
0.40
0.10
10
20
35
40
45
ILOAD = 20mA
FIGURE 11 CIRCUIT
LOAD CURRENT (mA)
0
4.95
4.96
4.98
4.99
5.00
5.05
5.02
5
10
3632 G06
4.97
5.03
5.04
5.01
15
20
VIN = 10V
VOUT = 5V
FIGURE 11 CIRCUIT
TEMPERATURE (°C)
–40
0.798
0.799
0.800
0.801
–10
20
50
80
3632 G07
110
VIN = 10V
TEMPERATURE (°C)
–40
4.4
4.6
4.8
5.0
5.2
5.6
–10
20
50
80
3632 G08
110
5.4
VIN = 10V
TEMPERATURE (°C)
–40
0
10
20
30
40
60
–10
20
50
80
3632 G09
110
50
ISET OPEN
ISET = GND
RISET = 500k
VIN = 10V
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com