Electronic Components Datasheet Search
  English  ▼

X  

LTC3632 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3632
Description  High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3632 Datasheet(HTML) 3 Page - Linear Technology

  LTC3632 Datasheet HTML 1Page - Linear Technology LTC3632 Datasheet HTML 2Page - Linear Technology LTC3632 Datasheet HTML 3Page - Linear Technology LTC3632 Datasheet HTML 4Page - Linear Technology LTC3632 Datasheet HTML 5Page - Linear Technology LTC3632 Datasheet HTML 6Page - Linear Technology LTC3632 Datasheet HTML 7Page - Linear Technology LTC3632 Datasheet HTML 8Page - Linear Technology LTC3632 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC3632
3
3632fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are for TA = 25°C (Note 2). VIN = 10V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply (VIN)
VIN
Input Voltage Operating Range
4.5
50
V
UVLO
VIN Undervoltage Lockout
VIN Rising
VIN Falling
Hysteresis
l
l
3.80
3.75
4.15
4.00
150
4.50
4.35
V
V
mV
OVLO
VIN Overvoltage Lockout
VIN Rising
VIN Falling
Hysteresis
54
52
56
54
2
59
57
V
V
V
IQ
DC Supply Current (Note 3)
Active Mode
Sleep Mode
Shutdown Mode
VRUN = 0V
125
12
3
220
22
6
μA
μA
μA
Output Supply (VFB)
VFB
Feedback Comparator Trip Voltage
VFB Rising
l
0.792
0.800
0.808
V
VHYST
Feedback Comparator Hysteresis Voltage
l
357
mV
IFB
Feedback Pin Current
VFB = 1V
–10
0
10
nA
ΔVLINEREG
Feedback Voltage Line Regulation
VIN = 4.5V to 50V
0.001
%/V
Operation
VRUN
RUN Pin Threshold Voltage
RUN Rising
RUN Falling
Hysteresis
1.17
1.06
1.21
1.10
110
1.25
1.14
V
V
mV
IRUN
RUN Pin Leakage Current
RUN = 1.3V
–10
0
10
nA
VHYSTL
Hysteresis Pin Voltage Low
RUN < 1V, IHYST = 1mA
0.07
0.1
V
IHYST
Hysteresis Pin Leakage Current
VHYST = 1.3V
–10
0
10
nA
ISS
Soft-Start Pin Pull-Up Current
VSS < 1.5V
4.5
5.5
6.5
μA
tINTSS
Internal Soft-Start Time
SS Pin Floating
0.75
ms
IPEAK
Peak Current Trip Threshold
ISET Floating
500k Resistor from ISET to GND
ISET Shorted to GND
l
40
8
50
25
10
60
13
mA
mA
mA
RON
Power Switch On-Resistance
Top Switch
Bottom Switch
ISW = –10mA
ISW = 10mA
5.0
2.5
Ω
Ω
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3632 is tested under pulsed load conditions such that TJ ≈ TA.
LTC3632E is guaranteed to meet specifications from 0°C to 85°C junction
temperature. Specifications over the –40°C to 125°C operating junction
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3632I is guaranteed over the
full –40°C to 125°C operating junction temperature range. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal impedance and other environmental
factors. The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA, in °C) and power dissipation (PD, in Watts) according to
the formula:
TJ = TA + (PD • θJA), where θJA (in °C/W) is the package thermal
impedance.
Note 3: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com