Electronic Components Datasheet Search
  English  ▼

X  

LTC3632 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3632
Description  High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3632 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3632 Datasheet HTML 2Page - Linear Technology LTC3632 Datasheet HTML 3Page - Linear Technology LTC3632 Datasheet HTML 4Page - Linear Technology LTC3632 Datasheet HTML 5Page - Linear Technology LTC3632 Datasheet HTML 6Page - Linear Technology LTC3632 Datasheet HTML 7Page - Linear Technology LTC3632 Datasheet HTML 8Page - Linear Technology LTC3632 Datasheet HTML 9Page - Linear Technology LTC3632 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC3632
6
3632fb
PIN FUNCTIONS
SW (Pin 1): Switch Node Connection to Inductor. This
pin connects to the drains of the internal power MOSFET
switches.
VIN (Pin 2): Main Supply Pin. A ceramic bypass capacitor
should be tied between this pin and GND (Pin 8).
ISET (Pin 3): Peak Current Set Input. A resistor from this
pin to ground sets the peak current trip threshold. Leave
floating for the maximum peak current (50mA). Short this
pin to ground for the minimum peak current (10mA). A
1μA current is sourced out of this pin.
SS (Pin 4): Soft-Start Control Input. A capacitor to ground
at this pin sets the ramp time to full current output dur-
ing start-up. A 5.5μA current is sourced out of this pin. If
left floating, the ramp time defaults to an internal 0.75ms
soft-start.
RUN (Pin 5): Run Control Input. A voltage on this pin
above 1.2V enables normal operation. Forcing this pin
below 0.7V shuts down the LTC3632, reducing quiescent
current to approximately 3μA.
VFB (Pin 6): Output Voltage Feedback. Connect to an
external resistive divider to divide the output voltage down
for comparison to the 0.8V reference.
HYST (Pin 7): Run Hysteresis Open-Drain Logic Output.
This pin is pulled to ground when RUN (Pin 5) is below
1.2V. This pin can be used to adjust the RUN pin hysteresis.
See Applications Information.
GND (Pin 8, Exposed Pad Pin 9):
Ground. The exposed
pad must be soldered to the printed circuit board ground
plane for optimal electrical and thermal performance.
Soft-Start Waveforms
TYPICAL PERFORMANCE CHARACTERISTICS
Load Step Transient Response
Short-Circuit Response
OUTPUT
VOLTAGE
1V/DIV
5ms/DIV
CSS = 0.047μF
3632 G19
OUTPUT
VOLTAGE
100mV/DIV
LOAD
CURRENT
20mA/DIV
1ms/DIV
VIN = 10V
VOUT = 5V
3632 G20
OUTPUT
VOLTAGE
2V/DIV
INDUCTOR
CURRENT
20mA/DIV
200μs/DIV
VIN = 10V
VOUT = 5V
3632 G21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com