Electronic Components Datasheet Search
  English  ▼

X  

LTC3856 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3856
Description  2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3856 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3856 Datasheet HTML 9Page - Linear Technology LTC3856 Datasheet HTML 10Page - Linear Technology LTC3856 Datasheet HTML 11Page - Linear Technology LTC3856 Datasheet HTML 12Page - Linear Technology LTC3856 Datasheet HTML 13Page - Linear Technology LTC3856 Datasheet HTML 14Page - Linear Technology LTC3856 Datasheet HTML 15Page - Linear Technology LTC3856 Datasheet HTML 16Page - Linear Technology LTC3856 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LTC3856

3856f
Light Load Current Operation (Burst Mode Operation,
Stage Shedding or Continuous Conduction)
The LTC3856 can be enabled to enter high efficiency
Burst Mode operation, Stage Shedding mode or forced
continuous conduction mode. To select forced continuous
operation, tie the MODE pin to a DC voltage below 0.6V
(e.g., SGND). To select Stage Shedding mode of opera-
tion, tie the MODE pin to INTVCC. To select Burst Mode
operation, float the MODE pin.
When the controller is enabled for Burst Mode operation,
the peak current in the inductor is set to approximately
one-sixth of the maximum sense voltage even though
the voltage on the ITH pin indicates a lower value. The
peak current can be programmed by the ISET pin. If the
average inductor current is higher than the load current,
the error amplifier, EA, will decrease the voltage on the
ITH pin. When the ITH voltage drops, the internal sleep
signal goes high (enabling sleep mode) and the external
MOSFETs are turned off. In sleep mode, the load current
is supplied by the output capacitor. As the output voltage
decreases, the EA’s output begins to rise. When the output
voltage drops enough, the sleep signal goes low, and the
controller resumes normal operation by turning on the
top external MOSFET on the next cycle of the internal
oscillator. When a controller is enabled for Burst Mode
operation, the inductor current is not allowed to reverse.
The reverse current comparator, IREV, turns off the bottom
external MOSFET just before the inductor current reaches
zero, preventing it from reversing and going negative.
Thus, the controller operates in discontinuous operation.
In forced continuous operation, the inductor current is
allowed to reverse at light loads or under large transient
conditions. The peak inductor current is determined by
the voltage on the ITH pin, just as in normal operation. In
this mode, the efficiency at light loads is lower than in
Burst Mode operation. However, continuous mode has the
advantages of lower output ripple and less interference
with audio circuitry.
When the MODE pin is connected to INTVCC, the LTC3856
operates in Stage Shedding mode at light loads. The
controller will turn off channel 2 and increase the current
gain of the first channel to ensure a smooth transition. The
threshold where the controller goes into Stage Shedding
mode is where the ITH voltage drops below 0.5V, but it can
be programmed by the ISET pin. The inductor current is
not allowed to reverse in this mode (discontinuous op-
eration). At very light loads, the current comparator may
remain tripped for several cycles and force the external top
MOSFET to stay off for the same number of cycles (i.e.,
skipping pulses). This mode exhibits low output ripple as
well as low audio noise and reduced RF interference as
compared to Burst Mode operation. It provides a higher
low current efficiency than forced continuous mode, but
not nearly as high as Burst Mode operation.
Multichip Operations (PHASMD and CLKOUT Pins)
TheLTC3856’stwochannelsare180°out-of-phase,provid-
ing multiphase operation. This configuration can provide
enough power for most of the high current applications.
However, for even higher power applications, the LTC3856
can be configured for PolyPhase and multichip operation.
The LTC3856 features PHASMD and CLKOUT pins which
enable multiple LTC3856s to operate out-of-phase, as
shown in Table 1. The CLKOUT signal is out-of-phase
with respect to phase 1 of the controller depending on the
PHASMD pin setting. In Stage Shedding mode, however,
the CLKOUT signal is 180° out-of-phase with respect to
phase 1 of the controller.
Table 1.
PHASMD
GND
FLOAT
INTVCC
Phase 1
0°
0°
0°
Phase 2
180°
180°
240°
CLKOUT
60°
90°
120°
Frequency Selection and Phase-Locked Loop
(FREQ and PLLIN Pins)
Theselectionofswitchingfrequencyisatrade-offbetween
efficiency and component size. Low frequency opera-
tion increases efficiency by reducing MOSFET switching
losses, but requires larger inductance and/or capacitance
to maintain low output ripple voltage.
If the PLLIN pin is not being driven by an external clock
source,theFREQpincanbeusedtoprogramthecontroller’s
operaTion (Refer to Functional Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com