Electronic Components Datasheet Search
  English  ▼

X  

LTC3856 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3856
Description  2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3856 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3856 Datasheet HTML 2Page - Linear Technology LTC3856 Datasheet HTML 3Page - Linear Technology LTC3856 Datasheet HTML 4Page - Linear Technology LTC3856 Datasheet HTML 5Page - Linear Technology LTC3856 Datasheet HTML 6Page - Linear Technology LTC3856 Datasheet HTML 7Page - Linear Technology LTC3856 Datasheet HTML 8Page - Linear Technology LTC3856 Datasheet HTML 9Page - Linear Technology LTC3856 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LTC3856

3856f
LOAD CURRENT (A)
0.1
40
50
60
70
80
1
10
100
30
20
10
0
90
100
3856 G03
VIN = 12V
VOUT = 1.5V
Burst Mode
OPERATION
FORCED
CONTINUOUS
MODE
Stage
Shedding
MODE
100µs/DIV
ILOAD
40A/DIV
IL1
20A/DIV
IL2
20A/DIV
VOUT
200mV/DIV
VIN = 12V
VOUT = 1.5V
ILOAD = 1A TO 40A
3856 G01
VBAT = 3.6V
ICPO = 200µA
CCPO = 2.2F
100µs/DIV
ILOAD
40A/DIV
IL1
20A/DIV
IL2
20A/DIV
VOUT
200mV/DIV
VIN = 12V
VOUT = 1.5V
ILOAD = 1A TO 40A
3856 G02
VBAT = 3.6V
ICPO = 200µA
CCPO = 2.2F
1µs/DIV
FORCED
CONTINUOUS
MODE, 5A/DIV
Burst Mode
OPERATION, 5A/DIV
DCM OPERATION,
5A/DIV
VIN = 12V
VOUT = 1.5V
ILOAD = 400mA
3856 G04
VBAT = 3.6V
ICPO = 200µA
CCPO = 2.2F
Typical perForMance characTerisTics
Efficiency vs Output Current
and Mode
Inductor Current at Light Load
Stage Shedding Transition,
1-Phase to 2-Phase
Stage Shedding Transition,
2-Phase to 1-Phase
Load Step:
Burst Mode Operation
Load Step:
Forced Continuous Mode
10µs/DIV
VOUT
100mV/DIV
VSW1
10V/DIV
VSW2
10V/DIV
3856 G05
VIN = 12V
VOUT = 1.5V
UNDERSHOOT
35mV
10µs/DIV
VOUT
100mV/DIV
VSW1
10V/DIV
VSW2
10V/DIV
3856 G06
VIN = 12V
VOUT = 1.5V
OVERSHOOT
36mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com