Electronic Components Datasheet Search
  English  ▼

X  

LTC3856 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3856
Description  2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3856 Datasheet(HTML) 2 Page - Linear Technology

  LTC3856 Datasheet HTML 1Page - Linear Technology LTC3856 Datasheet HTML 2Page - Linear Technology LTC3856 Datasheet HTML 3Page - Linear Technology LTC3856 Datasheet HTML 4Page - Linear Technology LTC3856 Datasheet HTML 5Page - Linear Technology LTC3856 Datasheet HTML 6Page - Linear Technology LTC3856 Datasheet HTML 7Page - Linear Technology LTC3856 Datasheet HTML 8Page - Linear Technology LTC3856 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LTC3856

3856f
Input Supply Voltage (VIN)......................... 40V to –0.3V
Topside Driver Voltages (BOOSTn) ............ 46V to –0.3V
Switch Voltage (SWn)................................... 40V to –5V
INTVCC, RUN, PGOOD, EXTVCC,
(BOOSTn – SWn)......................................... 6V to –0.3V
SENSEn Voltages ...................................... 5.5V to –0.3V
MODE, PLLIN, ILIM, TK/SS, AVP,
FREQ, ISET Voltages............................. INTVCC to –0.3V
DIFFP, DIFFN, DIFFOUT, PHASMD,
ITEMP Voltages..................................... INTVCC to –0.3V
(Note 1)
absoluTe MaxiMuM raTings
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
TOP VIEW
FE PACKAGE
38-LEAD PLASTIC TSSOP
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
FREQ
RUN
SENSE1+
SENSE1–
NC
TK/SS
VFB
ITH
SGND
AVP
ITEMP
PHASMD
SENSE2+
SENSE2–
DIFFP
DIFFN
DIFFOUT
ISET
ILIM
PLLIN
CLKOUT
SW1
TG1
NC
BOOST1
PGND1
BG1
VIN
INTVCC
EXTVCC
BG2
PGND2
NC
BOOST2
TG2
SW2
PGOOD
MODE
39
TJMAX = 125°C, θJA = 25°C/W
EXPOSED PAD (PIN 39) IS SGND/PGND, MUST BE SOLDERED TO PCB
32
33
31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
TK/SS
VFB
ITH
AVP
ITEMP
PHASMD
SENSE2+
SENSE2–
BOOST1
BG1
VIN
INTVCC
EXTVCC
BG2
BOOST2
TG2
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) IS SGND/PGND, MUST BE SOLDERED TO PCB
pin conFiguraTion
ITH, VFB Voltages................................... INTVCC to –0.3V
INTVCC Peak Output Current ................................100mA
Operating Junction Temperature Range
(Notes 2, 3)............................................ –40°C to 125°C
Storage Temperature Range................... –65°C to 125°C
Reflow Peak Body Temperature (UH Package)...... 260°C
Lead Temperature (Soldering, 10 sec.)
FE Package............................................................ 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com