Electronic Components Datasheet Search
  English  ▼

X  

LTC3856 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC3856
Description  2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3856 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC3856 Datasheet HTML 29Page - Linear Technology LTC3856 Datasheet HTML 30Page - Linear Technology LTC3856 Datasheet HTML 31Page - Linear Technology LTC3856 Datasheet HTML 32Page - Linear Technology LTC3856 Datasheet HTML 33Page - Linear Technology LTC3856 Datasheet HTML 34Page - Linear Technology LTC3856 Datasheet HTML 35Page - Linear Technology LTC3856 Datasheet HTML 36Page - Linear Technology LTC3856 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
LTC3856

3856f
applicaTions inForMaTion
A second, more severe transient is caused by switching
in loads with large (>1µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
alter its delivery of current quickly enough to prevent this
sudden step change in output voltage if the load switch
resistance is low and it is driven quickly. If the ratio of
CLOAD to COUT is greater than 1:50, the switch rise time
should be controlled so that the load rise time is limited
to approximately 25 • CLOAD. Thus a 10µF capacitor would
require a 250µs rise time, limiting the charging current
to about 200mA.
Design Example (Using Two Phases)
As a design example, assume:
VIN = 5V (nominal)
VIN = 5.5V (max),
VOUT = 1.8V,
IMAX = 20A
TA = 70°C
f = 300kHz
The inductance value is chosen first based on a 30% ripple
current assumption. The highest value of ripple current
occurs at the maximum input voltage. Use a 71.5k resistor
from FREQ to ground to set the switching frequency at
about 300kHz. The minimum inductance for 30% ripple
current is:
L
V
f I
V
V
V
kHz
OUT
OUT
IN
≥
∆
( )
−


≥ (
)(
1
1 8
300
30
.
%
))( )
−


≥
µ
10
1
1 8
5 5
1 35
A
V
V
H
.
.
.
A 2µH inductor will produce 20% ripple current. The peak
inductor current will be the maximum DC value plus one
half the ripple current, or 11A. The minimum on-time oc-
curs at maximum VIN:
t
V
V f
V
V
kHz
µs
ON MIN
OUT
IN
( ) =
= ( )(
)
=
1 8
5 5
300
1 1
.
.
.
With the ILIM pin tied to ground, the RSENSE resistors
value can be calculated by using the minimum current
sense voltage specification with some accommodation
for tolerances:
R
mV
A
SENSE =
≈
Ω
25
11
0 002
.
Choosing 1% resistors: R1 = 10k and R2 = 20k yields an
output voltage of 1.80V.
The power dissipation on the topside MOSFET can be
easily estimated. Using a Siliconix Si4420DY for example;
RDS(ON) = 0.013Ω, CRSS = 300pF. At maximum input
voltage with TJ(estimated)=110°Catanelevatedambient
temperature:
P
V
V
C
C
MAIN =
( ) +(
) ° − °
(
)

1 8
5 5
10
1 0 005 110
25
2
.
.
.

+
( )

 (
)(
)
−
• .
.
0 013
5 5
10
2
2
300
1
5
2
2
Ω
Ω
V
A
pF
V
..
.
•
.
.
.
6
1
2 6
300
0 606 0 022 0 628
V
V
kHz
+

 (
)
=
+
=
W
W
The worst-case power dissipated by the synchronous
MOSFET under normal operating conditions at elevated
ambient temperature and estimated 50°C junction
temperature rise is:
P
V
V
V
A
SYNC =
−
( ) ( )
Ω
(
)
=
5 5
1 8
5 5
10
1 25 0 013
1 0
2
.
.
.
.
.
. 99W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com