Electronic Components Datasheet Search
  English  ▼

X  

LTC3856 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3856
Description  2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3856 Datasheet(HTML) 4 Page - Linear Technology

  LTC3856 Datasheet HTML 1Page - Linear Technology LTC3856 Datasheet HTML 2Page - Linear Technology LTC3856 Datasheet HTML 3Page - Linear Technology LTC3856 Datasheet HTML 4Page - Linear Technology LTC3856 Datasheet HTML 5Page - Linear Technology LTC3856 Datasheet HTML 6Page - Linear Technology LTC3856 Datasheet HTML 7Page - Linear Technology LTC3856 Datasheet HTML 8Page - Linear Technology LTC3856 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LTC3856

3856f
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 15V, VRUN = 5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TG1,2 tr
TG1,2 tf
TG Transition Time
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
25
ns
ns
BG1,2 tr
BG1,2 tf
BG Transition Time
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
25
ns
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver
30
ns
BG/TG t2D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver
30
ns
tON(MIN)
Minimum On-Time
(Note 7)
90
ns
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
6V < VIN ≤ 38V
4.8
5.0
5.2
V
VLDO INT
INTVCC Load Regulation
ICC = 0mA to 20mA
0.5
2.0
%
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
l
4.5
4.7
V
VLDO EXT
EXTVCC Voltage Drop
ICC = 20mA, VEXTVCC = 5V
50
100
mV
VLDOHYS
EXTVCC Hysteresis
200
mV
Oscillator and Phase-Locked Loop
fNOM
Nominal Frequency
VFREQ = 1.2V
450
500
550
kHz
fLOW
Lowest Frequency
VFREQ = 0V
210
250
290
kHz
fHIGH
Highest Frequency
VFREQ ≥ 2.4V
700
770
850
kHz
RMODE
MODE Input Resistance
250
kΩ
IFREQ
Frequency Setting Output Current
9
10
11
µA
CLKOUT
Phase (Relative to Controller 1)
PHASMD = GND; Non Stage Shedding Mode
PHASMD = FLOAT; Non Stage Shedding Mode
PHASMD = INTVCC; Non Stage Shedding Mode
Stage Shedding Mode
60
90
120
180
Deg
Deg
Deg
Deg
CLKHIGH
Clock High Output Voltage
4
5
V
CLKLOW
Clock Low Output Voltage
0
0.2
V
PGOOD Output
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.2
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±2
µA
VPG
PGOOD Trip Level, Either Controller
VFB with Respect to Set Output Voltage
VFB Ramping Negative
VFB Ramping Positive
–10
10
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com