Electronic Components Datasheet Search
  English  ▼

X  

LTC3856 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3856
Description  2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3856 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3856 Datasheet HTML 28Page - Linear Technology LTC3856 Datasheet HTML 29Page - Linear Technology LTC3856 Datasheet HTML 30Page - Linear Technology LTC3856 Datasheet HTML 31Page - Linear Technology LTC3856 Datasheet HTML 32Page - Linear Technology LTC3856 Datasheet HTML 33Page - Linear Technology LTC3856 Datasheet HTML 34Page - Linear Technology LTC3856 Datasheet HTML 35Page - Linear Technology LTC3856 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
LTC3856

3856f
the topside MOSFET and the synchronous MOSFET. If
thetwoMOSFETshaveapproximatelythesameRDS(ON),
then the resistance of one MOSFET can simply be
summed with the resistances of L and RSENSE to ob-
tain I2R losses. For example, if each RDS(ON) = 10mΩ,
RL = 10mΩ, RSENSE = 5mΩ, then the total resistance is
25mΩ. This results in losses ranging from 2% to 8%
as the output current increases from 3A to 15A for a 5V
output, or a 3% to 12% loss for a 3.3V output.
Efficiency varies as the inverse square of VOUT for the
same external components and output power level. The
combined effects of increasingly lower output voltages
andhighercurrentsrequiredbyhighperformancedigital
systemsisnotdoublingbutquadruplingtheimportance
of loss terms in the switching regulator system!
4. Transition losses apply only to the topside MOSFET(s),
and become significant only when operating at high
input voltages (typically 15V or greater). Transition
losses can be estimated from:
Transition Loss = (1.7) VIN2 • IO(MAX) • CRSS • f
Other hidden losses such as copper trace and internal
battery resistances can account for an additional 5%
to 10% efficiency degradation in portable systems. It
is very important to include these system level losses
during the design phase. The internal battery and fuse
resistance losses can be minimized by ensuring that
CIN has adequate charge storage and very low ESR at
the switching frequency. A 25W supply will typically
require a minimum of 20µF to 40µF of capacitance
having a maximum of 20mΩ to 50mΩ of ESR. Other
losses including Schottky conduction losses during
dead time and inductor core losses generally account
for less than 2% total additional loss.
Checking Transient Response
The regulator loop response can be checked by looking at
the load current transient response. Switching regulators
take several cycles to respond to a step in DC (resistive)
load current. When a load step occurs, VOUT shifts by an
amount equal to
∆ILOAD (ESR), where ESR is the effective
series resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT generating the feedback error signal that
forces the regulator to adapt to the current change and
return VOUT to its steady-state value. During this recovery
time VOUT can be monitored for excessive overshoot or
ringing, which would indicate a stability problem. The
availability of the ITH pin not only allows optimization of
control loop behavior but also provides a DC-coupled and
AC-filtered closed-loop response test point. The DC step,
rise time and settling at this test point truly reflects the
closed-loop response. Assuming a predominantly second
order system, phase margin and/or damping factor can be
estimated using the percentage of overshoot seen at this
pin. The bandwidth can also be estimated by examining
the rise time at the pin.
TheITHexternalcomponentsshownintheTypicalApplica-
tion circuit will provide an adequate starting point for most
applications. The ITH series RC-CC filter sets the dominant
pole-zero loop compensation. The values can be modified
slightly (from 0.5 to 2 times their suggested values) to
optimize transient response once the final PC layout is
done and the particular output capacitor type and value
have been determined. The output capacitors need to be
selected because the various types and values determine
the loop gain and phase. An output current pulse of 20%
to 80% of full-load current having a rise time of 1µs to
10µs will produce output voltage and ITH pin waveforms
that will give a sense of the overall loop stability without
breaking the feedback loop. Placing a power MOSFET
directly across the output capacitor and driving the gate
with an appropriate signal generator is a practical way to
produce a realistic load step condition. The initial output
voltage step resulting from the step change in output cur-
rent may not be within the bandwidth of the feedback loop,
so this signal cannot be used to determine phase margin.
This is why it is better to look at the ITH pin signal which
is in the feedback loop and is the filtered and compen-
sated control loop response. The gain of the loop will be
increased by increasing RC and the bandwidth of the loop
will be increased by decreasing CC. If RC is increased by
the same factor that CC is decreased, the zero frequency
will be kept the same, thereby keeping the phase shift the
same in the most critical frequency range of the feedback
loop. The output voltage settling behavior is related to the
stability of the closed-loop system and will demonstrate
the actual overall supply performance.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com