Electronic Components Datasheet Search
  English  ▼

X  

56F8023 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 56F8023
Description  16-bit Digital Signal Controllers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8023 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 56F8023 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 157 page
background image
56F8033/56F8023 Data Sheet, Rev. 6
32
Freescale Semiconductor
The 56F8000 family devices’ on-chip clock synthesis module has the following registers:
•
Control Register (OCCS_CTRL)
•
Divide-by Register (OCCS_DIVBY)
•
Status Register (OCCS_STAT)
•
Shutdown Register (OCCS_SHUTDN)
•
Oscillator Control Register (OCCS_OCTRL)
For more information on these registers, please refer to the 56F802X and 56F803X Peripheral Reference
Manual.
3.4 Internal Clock Source
An internal relaxation oscillator can supply the reference frequency when an external frequency source or
crystal is not used. It is optimized for accuracy and programmability while providing several power-saving
configurations which accommodate different operating conditions. The internal relaxation oscillator has
very little temperature and voltage variability. To optimize power, the architecture supports a standby state
and a power-down state.
During a boot or reset sequence, the relaxation oscillator is enabled by default (the PRECS bit in the
PLLCR word is set to 0). Application code can then also switch to the external clock source and power
down the internal oscillator, if desired. If a changeover between internal and external clock sources is
required at power-on, the user must ensure that the clock source is not switched until the desired external
clock source is enabled and stable.
To compensate for variances in the device manufacturing process, the accuracy of the relaxation oscillator
can be incrementally adjusted to within + 0.078% of 8MHz by trimming an internal capacitor. Bits 0-9 of
the OSCTL (oscillator control) register allow the user to set in an additional offset (trim) to this preset
value to increase or decrease capacitance. Each unit added or subtracted changes the output frequency by
about 0.078% of 8MHz, allowing incremental adjustment until the desired frequency accuracy is achieved.
The center frequency of the internal oscillator is calibrated at the factory to 8MHz and the TRIM value is
stored in the Flash information block and loaded to the FMOPT1 register at reset. When using the
relaxation oscillator, the boot code should read the FMOPT1 register and set this value as OSCTL TRIM.
For further information, see the 56F802X and 56F803X Peripheral Reference Manual.
3.5 Crystal Oscillator
The internal crystal oscillator circuit is designed to interface with a parallel-resonant crystal resonator in a
frequency range of 4-8MHz, specified for the external crystal. Figure 3-1 shows a typical crystal oscillator
circuit. Follow the crystal supplier’s recommendations when selecting a crystal, since crystal parameters
determine the component values required to provide maximum stability and reliable start-up. The load
capacitance values used in the oscillator circuit design should include all stray layout capacitances. The
crystal and associated components should be mounted as near as possible to the EXTAL and XTAL pins
to minimize output distortion and start-up stabilization time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com