Electronic Components Datasheet Search
  English  ▼

X  

56F8023 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # 56F8023
Description  16-bit Digital Signal Controllers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8023 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button 56F8023 Datasheet HTML 69Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 70Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 71Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 72Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 73Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 74Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 157 page
background image
Register Descriptions
56F8033/56F8023 Data Sheet, Rev. 6
Freescale Semiconductor
73
5.6.14.1
Reserved—Bits 15–5
This bit field is reserved. Each bit must be set to 0.
5.6.14.2
Fast Interrupt 1 Vector Address High (FIVAH1)—Bits 4–0
The upper five bits of the vector address used for Fast Interrupt 1. This register is combined with FIVAL1
to form the 21-bit vector address for Fast Interrupt 1 defined in the FIM1 register.
5.6.15
IRQ Pending Register 0 (IRQP0)
Figure 5-17 IRQ Pending Register 0 (IRQP0)
5.6.15.1
IRQ Pending (PENDING)—Bits 16–2
These register bit values represent the pending IRQs for interrupt vector numbers 2 through 16. Ascending
IRQ numbers correspond to ascending bit locations.
•
0 = IRQ pending for this vector number
•
1 = No IRQ pending for this vector number
5.6.15.2
Reserved—Bit 0
This bit field is reserved. It must be set to 1.
5.6.16
IRQ Pending Register 1 (IRQP1)
Figure 5-18 IRQ Pending Register 1 (IRQP1)
Base + $E
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
PENDING[16:2]
1
Write
RESET
11111
1111111
1111
Base + $F
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
PENDING[32:17]
Write
RESET
11111
1111111
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com