Electronic Components Datasheet Search
  English  ▼

X  

56F8023 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # 56F8023
Description  16-bit Digital Signal Controllers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8023 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button 56F8023 Datasheet HTML 78Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 79Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 157 page
background image
56F8033/56F8023 Data Sheet, Rev. 6
82
Freescale Semiconductor
6.3.2.7
Reserved—Bits 1–0
This bit field is reserved. Each bit must be set to 0.
6.3.3
SIM Software Control Registers (SIM_SWC0, SIM_SWC1,
SIM_SWC2, and SIM_SWC3)
These registers are general-purpose registers. They are reset only at power-on, so they can monitor
software execution flow.
Figure 6-4 SIM Software Control Register 0 (SIM_SWC0 - 3)
6.3.3.1
Software Control Register 0 - 3 (FIELD)—Bits 15–0
This register is reset only by the Power-On Reset (POR). It is intended for use by a software developer to
contain data that will be unaffected by the other reset sources (external reset, software reset, and COP
reset).
6.3.4
Most Significant Half of JTAG ID (SIM_MSHID)
This read-only register displays the most significant half of the JTAG ID for the chip. This register reads
$01F2.
Figure 6-5 Most Significant Half of JTAG ID (SIM_MSHID)
6.3.5
Least Significant Half of JTAG ID (SIM_LSHID)
This read-only register displays the least significant half of the JTAG ID for the chip. This register reads
$801D.
Figure 6-6 Least Significant Half of JTAG ID (SIM_LSHID)
Base + $2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
Software Control Data 0 - 3
Write
RESET
0
0
0
0
0
0
0
0
000
0
000
0
Base + $6
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
1
111
1
001
0
Write
RESET
0
0
0
0
0
0
0
1
111
1
001
0
Base + $7
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
1
0
0
0
0
0
0
0
000
1
110
1
Write
RESET
1
0
0
0
0
0
0
0
000
1
110
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com