Electronic Components Datasheet Search
  English  ▼

X  

56F8023 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # 56F8023
Description  16-bit Digital Signal Controllers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8023 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button 56F8023 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 88Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 89Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 90Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 91Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 92Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 157 page
background image
Register Descriptions
56F8033/56F8023 Data Sheet, Rev. 6
Freescale Semiconductor
91
•
1 = The clock is enabled during Stop mode if the clock to this peripheral is enabled in the SIM_PCE1
register
6.3.12.6
Quad Timer A, Channel 1 Clock Stop Disable (TA1_SD)—Bit 1
•
0 = The clock is disabled during Stop mode
•
1 = The clock is enabled during Stop mode if the clock to this peripheral is enabled in the SIM_PCE1
register
6.3.12.7
Quad Timer A, Channel 0 Clock Stop Disable (TA0_SD)—Bit 0
•
0 = The clock is disabled during Stop mode
•
1 = The clock is enabled during Stop mode if the clock to this peripheral is enabled in the SIM_PCE1
register
6.3.13
I/O Short Address Location Register High (SIM_IOSAHI)
In I/O short address mode, the instruction specifies only 6 LSBs of the effective address; the upper 18 bits
are “hard coded” to a specific area of memory. This scheme allows efficient access to a 64-location area
in peripheral space with single word instruction. Short address location registers specify the upper 18 bits
of I/O address, which are “hard coded”. These registers allow access to peripherals using I/O short address
mode, regardless of the physical location of the peripheral, as shown in Figure 6-14.
Figure 6-14 I/O Short Address Determination
With this register set, software can set the SIM_IOSAHI and SIM_IOSALO registers to point to its
peripheral registers and then use the I/O short addressing mode to access them.
Note:
The default value of this register set points to the EOnCE registers.
Note:
The pipeline delay between setting this register set and using short I/O addressing with the new value
is five instruction cycles.
Instruction Portion
“Hard Coded” Address Portion
6 Bits from I/O Short Address Mode Instruction
16 Bits from SIM_IOSALO Register
2 bits from SIM_IOSAHI Register
Full 24-Bit for Short I/O Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com