Electronic Components Datasheet Search
  English  ▼

X  

56F8023 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # 56F8023
Description  16-bit Digital Signal Controllers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8023 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button 56F8023 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 157 page
background image
56F8033/56F8023 Data Sheet, Rev. 6
98
Freescale Semiconductor
Figure 6-22 Overall Control of Signal Source using SIM_IPSn Control
IPSn settings should not be altered while an affected peripheral is in an enabled (operational)
configuration. See the 56F802X and 56F803X Peripheral Reference Manual for details.
Figure 6-23 Internal Peripheral Source Select Register for PWM (SIM_IPS0)
6.3.19.1
Reserved—Bits 15–14
This bit field is reserved. Each bit must be set to 0.
6.3.19.2
Select Peripheral Input Source for FAULT2 (IPS0_FAULT2)—Bit 13
This field selects the alternate input source signal to feed PWM input FAULT2.
•
0 = I/O Pin (External) - Use PWM FAULT2 Input Pin (default)
•
1 = CMPBO (Internal) - Use Comparator B Output
6.3.19.3
Reserved—Bit 12
This bit field is reserved. It must be set to 0.
6.3.19.4
Select Peripheral Input Source for FAULT1 (IPS0_FAULT1)—Bit 11
This field selects the alternate input source signal to feed PWM input FAULT1.
•
0 = I/O pin (External) - Use PWM FAULT2 Input Pin (default)
•
1 = CMPAO (Internal) - Use Comparator A Output
Base + $18
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
IPS0_
FAULT2
0
IPS0_
FAULT1
0
0
IPS0_PSRC2
IPS0_PSRC1
IPS0_PSRC0
Write
RESET
0
0
0
0
0
0000000
0000
GPIOA5_PEREN
Register
GPIOA5
GPIOA5 pin
SIM_IPS0
Register
PWM
FAULT2
Comparator A
Output (Internal)
0
1
0
1
01
00
10
PWM5
Timer A3
SIM_GPSA0
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com