Electronic Components Datasheet Search
  English  ▼

X  

BQ76PL536PAPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536PAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ76PL536PAPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button BQ76PL536PAPR Datasheet HTML 24Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 25Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 26Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 27Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 28Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 29Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 30Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 31Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
DEV ADDR
1 byte
time
REG ADDR
CNT = n
0x00
0x00
0x00
0x00
READn...
CRC
READ 1
READ 2
n + 1 placeholderbytes
CS
SDI
SDO
0x00
0x00
0x00
StartReg Address
0
Device Address
0
ReadLengthn
ReadData 1
R/W
ReadDatan
CRC
ReadPacket
CS Assertion
DEV ADDR
CS
1 byte
time
REG ADDR
WRT DATA
CRC
DEV ADDR
REG ADDR
Startofnextpacket
SDI
...
Reg Address
0
Device Address
1
RegData
CRC
R/W
WritePacket
CS Assertion
bq76PL536
SLUSA08A – DECEMBER 2009 – REVISED JULY 2010
www.ti.com
Figure 8. READ Packet Format
Figure 9. READ Packet Detail
Data Write Packet
When the bq76PL536 is selected (CS_S is active and the bq76PL536 has been addressed) and a write request
has been initiated, the bq76PL536 receives data through the SDI_S pin, which is connected to the SDO_N of the
lower device. For the first device in the stack, the data is input to the SDI_H pin from the host, and transmitted up
the stack on the SDI_S pin to the SDI_N pin of the next higher device. If enabled, the device checks the CRC,
which it expects as the last byte sent. If the CRC is valid, no action is taken. If the CRC is invalid or missing, the
device asserts the ALERT_S signal to the next lower device, which ripples down the stack to the ALERT_H pin
on the lowest device. The host should then take action to clear the condition.
Unused or undefined register bits should be written as zeros.
Figure 10. WRITE Packet Format
Figure 11. WRITE Packet Detail
28
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :bq76PL536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com