Electronic Components Datasheet Search
  English  ▼

X  

BQ76PL536PAPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536PAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ76PL536PAPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button BQ76PL536PAPR Datasheet HTML 22Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 23Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 24Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 25Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 26Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 27Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 28Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 29Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
bq76PL536
SLUSA08A – DECEMBER 2009 – REVISED JULY 2010
www.ti.com
Sleep State Entry (bit set)
If a conversion is in progress, the device waits for it to complete, then sets DRDY true (high).
The device sets the ALERT_STATUS[SLEEP] bit, which in turn causes the ALERT pin to be asserted.
The device gates off all other sources of FAULT or ALERT except ALERT[SLEEP]. The existing state of the
FAULT and ALERT registers is preserved. The host should service and reset the ALERT generated by the
SLEEP bit being set to minimize SLEEP state current draw by writing a 1 to ALERT[SLEEP] followed by a 0 to
ALERT[SLEEP]. The ALERT North-South signal chain can draw up to ~1 mA of current when active, so this
ALERT source should be cleared prior to the host entering the SLEEP state of its own. This signaling is provided
to notify the host that the unmonitored/unprotected state is being entered.
The REG50 LDO is shut down and the output is allowed to float. The ADC, its reference, and clocks are
disabled. The COV, CUV, and OT circuits are disabled, and their band-gap reference shut off. Note that this
effectively removes protection and monitoring from the cells; the designer should take the necessary
design steps and verifications to ensure the cells cannot be put into an unsafe condition by other parts
of the system or usage characteristics.
IO_CONTROL[TS1(2)] bits are not modified. The host must also set these bits to zero to minimize current draw
of the thermistors themselves.
SPI communications are preserved; all registers may be read or written.
Sleep State Exit (Bit Reset)
VREG50 operation is restored.
COV, CUV, OT circuits are re-enabled.
The ADC circuitry returns to its former state. Note that there is a warm-up delay associated with the ADC enable,
the same delay as specified for enabling from a cold start.
The FAULT and ALERT registers are restored to their pre-SLEEP state. If a FAULT or ALERT condition was
present prior to SLEEP, the FAULT or ALERT pin is immediately asserted.
IO_CONTROL[TS1(2)] should be set by the host if the OT function or temperature measurement functions are
desired.
COMMUNICATIONS
SPI Communications – Device to Host
Device-to-host (D2H) mode is provided on the SPI interface pins for connection to a local host microcontroller,
logic, etc. D2H communications operate in voltage mode as a standard SPI interface for ease of connection to
the outside world from the bq76PL536 device. Standard TTL-compatible logic levels are presented. All relevant
SPI timing and performance parameters are met by this interface.
The host interface operates in SPI mode 1, where CPOL = 0 and CPHA = 1. The SPI clock is normally low; data
changes on rising edges, and is sampled on the falling edge. All transfers are MSB-first.
The pins of the base IC (only) in a stack should have the SCLK_H and SDI_H pins terminated with pullups to
minimize current draw of the part if the host ever enters a state where the pins are not driven. In non-base
devices, the _H pins are forced to be all outputs driven low when the HSEL pin is high. In non-base devices, all
_H pins should remain unconnected.
The CS_H has a pullup resistor of approximately 100 k
Ω. SDO_H is a 3-state output and is terminated with a
weak pullup.
Designer Note: When VBAT is at or below the UVLO trip point voltage, the internal LDO which supplies the
xxxx_H host SPI communications pins (VLODx) begins to fall out of regulation. The output high voltage on
the xxxx_H pins falls off with the LDO voltage in an approximately linear manner until at the POR voltage trip
point it is reduced to approximately 3.5 V. This action is not tested in production.
26
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :bq76PL536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com