Electronic Components Datasheet Search
  English  ▼

X  

BQ76PL536PAPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536PAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ76PL536PAPR Datasheet(HTML) 3 Page - Texas Instruments

  BQ76PL536PAPR Datasheet HTML 1Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 2Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 3Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 4Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 5Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 6Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 7Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 8Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
bq76PL536
www.ti.com
SLUSA08A – DECEMBER 2009 – REVISED JULY 2010
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
7
VC3
AI
Sense voltage input terminal for the positive terminal of the third cell
8
CB3
O
Cell-balance control output
9
VC2
AI
Sense voltage input terminal for the positive terminal of the second cell
10
CB2
O
Cell-balance control output
11
VC1
AI
Sense voltage input terminal for positive terminal of the first cell
12
CB1
O
Cell-balance control output
13
VC0
AI
Sense-voltage input terminal for negative terminal of first cell (VSS)
14
VSS1
P
VSS
15
AGND
AI
Internal analog VREF (–)
16
VREF
P
Internal analog voltage reference (+), requires 10-µF, low-ESR ceramic capacitor to AGND for stability
17
LDOA
P
Internal analog 5-V LDO bypass connection, requires 2.2-µF ceramic capacitor for stability
18
LDOD1
P
Internal digital 5-V LDO bypass connection 1, requires 2.2-µF ceramic capacitor for stability. This pin is tied
internally to LDOD2. This pin should be tied to LDOD2 externally.
19
TS1–
AI
Differential temperature sensor input
20
TS1+
AI
Differential temperature sensor input
21
CONV_S
I
Input from the adjacent lower bq76PL536 to initiate a conversion
22
DRDY_S
OD
Current-mode output indicating conversion data is ready to the next lower bq76PL536
23
ALERT_S
OD
Current-mode output indicating a system status change to the next lower bq76PL536
24
FAULT_S
OD
Current-mode output
25
VSS2
P
VSS
26
SCLK_S
I
Current-mode input SPI clock from the next-lower bq76PL536
27
SDO_S
OD
Current-mode output for SPI data to the next-lower bq76PL536
28
SDI_S
I
Current-mode input for SPI data from the next-lower bq76PL536
29
CS_S
I
Current-mode input SPI chip-select (slave-select) from the next-lower bq76PL536
30
NC
–
No connection
31
AUX
O
Switched 1-mA limited output from REG50
32
REG50
P
5-V user LDO output, requires 2.2-µF ceramic capacitor for stability
33
VSS3
P
VSS
34
VSS4
P
VSS
35
VSS5
P
VSS
36
CONV_H
I
Host-to-device interface – initiates a synchronous conversion. Pin has 250-nA internal sink to VSS.
37
DRDY_H
O
Host-to-device interface – conversion complete, data-ready indication
38
ALERT_H
O
Host-to-device interface – ALERT condition detected in this or higher (North) device
39
FAULT_H
O
Host-to-device interface – FAULT condition detected in this or higher (North) device
40
SCLK_H
I
Host-to-device interface – SPI clock from host
41
SDO_H
O
Host-to-device interface – data from device to host (host MISO signal), 3-state pin, 250-nA internal pullup
42
SDI_H
I
Host-to-device interface – data from host to device (host MOSI signal)
43
CS_H
I
Host-to-device interface – active-low chip select from host. Internal 100-k
Ω pullup resistor
44
HSEL
I
Host interface enable, 0 = enable, 1 = disable
45
GPIO
IOD
Digital open-drain I/O. A 10 k
Ω–2-MΩ pullup is recommended.
46
LDOD2
P
Internal digital 5-V LDO bypass connection 2, requires 2.2-µF ceramic capacitor for stability. This pin is tied
internally to LDOD1. This pin should be tied to LDOD1 externally.
47
GPAI–
AI
General-purpose (differential) analog input, connect to VSS if unused.
48
GPAI+
AI
General-purpose (differential) analog input, connect to VSS if unused.
49
VSS6
P
VSS
50
TEST
I
Factory Test pin. Connect to VSS in user circuitry. This pin includes ~100K internal pull-down
51
NC
–
No connect
52
CS_N
OD
Current-mode output used to select the next-higher bq76PL536 for SPI communication
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :bq76PL536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com