Electronic Components Datasheet Search
  English  ▼

X  

BQ76PL536PAPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536PAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ76PL536PAPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button BQ76PL536PAPR Datasheet HTML 18Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 19Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 20Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 21Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 22Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 23Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 24Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 25Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
bq76PL536
SLUSA08A – DECEMBER 2009 – REVISED JULY 2010
www.ti.com
Table 2. Overtemperature Trip Setpoints (continued)
OT THRESHOLDS
CONFIG_OT
TNOM °C
VTS RATIO SET
VTS RATIO CLEAR
VSET
(1)
VCLEAR
(1)
1
40
0.2000
0.1766
1.000
0.883
2
45
0.2244
0.2000
1.122
1.000
3
50
0.2488
0.2270
1.244
1.135
4
55
0.2712
0.2498
1.356
1.249
5
60
0.2956
0.2750
1.478
1.375
6
65
0.3156
0.2956
1.578
1.478
7
70
0.3356
0.3162
1.678
1.581
8
75
0.3556
0.3368
1.778
1.684
9
80
0.3712
0.3528
1.856
1.764
10
85
0.3866
0.3688
1.933
1.844
11
90
0.4000
0.3824
2.000
1.912
Thermistor Power
To minimize power consumption, the thermistors are not powered ON by default. Two bits are provided in
IO_CONTROL[] to control powering the thermistors, TS1 and TS2. The TSn– input is only connected to VSS
when the corresponding bit is set. The user firmware must set these bits to 1 to enable both temperature
measurement and the secondary protector functions. When the thermistor functions are not in use, the bits may
be programmed to 0 to remove current through the thermistor circuits.
Thermistor Input Conditioning
A filter capacitor is recommended to minimize noise in to the ADC and protector. The designer should insure that
the filter capacitor has sufficient time to charge before reading the thermistors. The CONFIG_OTT[] value should
also be set to >5t, the time delay introduced by the RC network comprising CF, RTH, RT, and RB, to avoid false
triggering of the PROTECTOR function and ALERT signal when the TS1 and/or TS2 bits are set to 1 and the
inputs enabled.
On exit from the SLEEP state, the OT fault comparators are disabled for approximately 200 µs to allow internal
circuitry to stabilize and prevent false error-condition detection.
Fault and Alert Behavior
When the FAULT_N pin is asserted by the next higher bq76PL536 in the stack, then the FAULT_S is also
asserted, thereby passing the signal down the array of stacked devices if they are present. FAULT_N should
always be connected to the FAULT_S of the next higher device in the stack. If no higher device exists, it should
be tied to VBAT of this bq76PL536, either directly or via a pullup resistor ~10 k
Ω to 1 MΩ. The FAULT_x pins are
active-high – current flows when asserted. The ALERT_x pins behave in a similar manner. If the FAULT_N pin of
the base device (HSEL = 0) becomes asserted, it asserts its FAULT_H signal to the host microcontroller. This
signal chain may be used to create an interrupt to the CPU, or drive other compatible logic or I/O directly.
Table 3. Fault Detection Summary
SIGNALING
FAULT
DETECTION
PIN
DEVICE_STATUS
X_STATUS BIT SET
BIT SET
HSEL = 1
HSEL = 0
EPROM double bit
ECC logic fault detected
FAULT_S
FAULT_H
FAULT
FAULT_STATUS[I_FAULT]
error
FORCE
User set FORCE bit
FAULT_S
FAULT_H
FAULT
FAULT_STATUS[FORCE]
POR
Power-on reset occurred
FAULT_S
FAULT_H
FAULT
FAULT_STATUS[POR]
CRC
CRC fail on received packet
N/A
N/A
FAULT
FAULT_STATUS[CRC]
CUV
VCx < VUV for tUV
FAULT_S
FAULT_H
FAULT
FAULT_STATUS[CUV]
COV
VCx > VOV for tOV
FAULT_S
FAULT_H
FAULT
FAULT_STATUS[COV]
AR
Address
≠ (0x01→ 0x3e)
ALERT_S
ALERT_H
ALERT
ALERT_STATUS[AR]
22
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :bq76PL536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com