Electronic Components Datasheet Search
  English  ▼

X  

BQ76PL536PAPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536PAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ76PL536PAPR Datasheet(HTML) 2 Page - Texas Instruments

  BQ76PL536PAPR Datasheet HTML 1Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 2Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 3Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 4Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 5Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 6Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 7Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 8Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
DRDY
FAULT
ALERT
SPI
PACK-
PACK+
GPAI
GPIO
AUX
REG50
SPI
(North)
CONV
CBx (6)
CONTROL (North)
bq76PL536
CELL_1
CELL_6
GPAI
GPIO
AUX
SPI
(North)
CBx (6)
CONTROL (North)
bq76PL536
CELL_1
CELL_6
TONEXTDEVICE
CONTROL (South)
SPI
(South)
SouthInterface
(notusedonbottomdevice)
bq76PL536
SLUSA08A – DECEMBER 2009 – REVISED JULY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONTINUED)
The host microcontroller controls cell balancing of individual cells by setting the registers (via SPI) which control
the appropriate CBx outputs. These outputs can be turned off via the same control, or automatically by the
internal programmable safety timer. The balancing bypass current is set via an external series resistor and FET.
TYPICAL IMPLEMENTATION
Figure 1. Simplified System Connection
PIN DETAILS
PIN FUNCTIONS
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
VC6
AI
Sense voltage input terminal for the positive terminal of the sixth cell
2
CB6
O
Cell-balance control output
3
VC5
AI
Sense voltage input terminal for the positive terminal of the fifth cell
4
CB5
O
Cell-balance control output
5
VC4
AI
Sense voltage input terminal for the positive terminal of the fourth cell
6
CB4
O
Cell-balance control output
(1)
Key: I = digital input, AI = analog input, O = digital output, OD = open-drain output, T = 3-state output, P = power.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :bq76PL536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com