Electronic Components Datasheet Search
  English  ▼

X  

BQ76PL536PAPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536PAPR
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ76PL536PAPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ76PL536PAPR Datasheet HTML 9Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 10Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 11Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 12Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 13Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 14Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 15Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 16Page - Texas Instruments BQ76PL536PAPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
bq76PL536
www.ti.com
SLUSA08A – DECEMBER 2009 – REVISED JULY 2010
Vertical Communications Bus (continued)
Typical values stated where TA = 25ºC and BAT = 20 V, Min/Max values stated where TA = –40˚C to 85ºC and BAT = 7.2 V to
27 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tLS_DELAY
SCLK_S to SCLK_N, CS_S to
30
ns
CS_N, SDI_S to SDI_N, SDO_N to
SDO_S delay time
ANALOG-TO-DIGITAL CONVERSION (ADC)
General Features
The integrated 14-bit (unsigned) high-speed successive approximation register (SAR) analog-to-digital converter
uses an integrated band-gap reference voltage (VREF) for the cell and brick measurements. The ADC has a
front-end multiplexer for nine inputs – six cells, two temperature sensors, and one general-purpose analog input
(GPAI). The GPAI input can further be multiplexed to measure the brick voltage between the BATx pin and VC0
or the voltage between the GPAI+ and GPAI– pins.
The ADC and reference are factory trimmed to compensate for gain, offset, and temperature-induced errors for
all inputs. The measurement result is not allowed to roll over due to offset error at the top and bottom of the
range, i.e., a reading near zero does not underflow to 0x03ff due to offset error, and vice-versa.
The converter returns 14 valid unsigned magnitude bits in the following format:
<00xxxxxx xxxxxxxx>
Each word is returned in big-endian format in a register pair consisting of two adjacent 8-bit registers. The MSB
of the word is located in the lower-address register of the pair, i.e., data for cell 1 is returned in registers 0x03
and 0x04 as 00xxxxxx xxxxxxxxb.
Designer Note: The signal used to drive the ADC inputs sees about 45 pF of input capacitance when the
mux switches the input to the ADC. The signal source should be capable of driving this capacitance without
introducing error. The sampling time of the ADC is approximately 1 ms when the default 3-ms conversion time
is selected. Therefore, the signal source must be capable of charging the 45-pF capacitance in
approximately 200 nS to allow 5 t for settling; otherwise, the obtained reading will be in error.
Designer Note: The accuracy of the part may be affected by soldering, and may depend on the soldering
process used. This has been typically measured at less than ±2 mV (IC typically reads higher than actual) at
3.6 V/cell input. The offset is fixed, and permanent after soldering. The effect is introduced in the ADC after
the multiplexer, and therefore affects all inputs in the same way. The effect is per input, and not cumulative
for all inputs. This error is in addition to the accuracy specification in the data sheet.
3 to 6 Series Cell Configuration
When fewer than 6 cells are used, the most-positive cell voltage of the series string should be connected to the
BAT1/BAT2 pins, through the RC input network shown in the Reference Schematic section. Unused VCx inputs
should be connected to the next VCx input down until an input connected to a cell is reached – i.e., in a four cell
stack, VC6 connects to VC5, which connects to VC4.
The internal multiplexer control can be set to scan only inputs which are connected to cells, thereby speeding up
conversions slightly. The multiplexer is controlled by the ADC_CONTROL[CN2:0] bits.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :bq76PL536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com