Electronic Components Datasheet Search
  English  ▼

X  

CC2533 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC2533
Description  An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2533 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2533 Datasheet HTML 5Page - Texas Instruments CC2533 Datasheet HTML 6Page - Texas Instruments CC2533 Datasheet HTML 7Page - Texas Instruments CC2533 Datasheet HTML 8Page - Texas Instruments CC2533 Datasheet HTML 9Page - Texas Instruments CC2533 Datasheet HTML 10Page - Texas Instruments CC2533 Datasheet HTML 11Page - Texas Instruments CC2533 Datasheet HTML 12Page - Texas Instruments CC2533 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
CC2533
www.ti.com
SWRS087 – JUNE 2010
16-MHz RC OSCILLATOR
Measured on Texas Instruments CC2533 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency(1)
16
MHz
Uncalibrated frequency accuracy
±18%
Calibrated frequency accuracy
±0.6%
±1%
Start-up time
10
ms
Initial calibration time(2)
50
ms
(1)
The calibrated 16-MHz RC oscillator frequency is the 32-MHz XTAL frequency divided by 2.
(2)
When the 16-MHz RC oscillator is enabled, it is calibrated when a switch from the 16-MHz RC oscillator to the 32-MHz crystal oscillator
is performed while SLEEPCMD.OSC_PD is set to 0.
RSSI/CCA CHARACTERISTICS
Measured on Texas Instruments CC2533 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RSSI range
100
dB
Absolute uncalibrated RSSI/CCA accuracy
±4
dB
RSSI/CCA offset
73
dB
Step size (LSB value)
1
dB
FREQEST CHARACTERISTICS
Measured on Texas Instruments CC2533 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQEST range
±250
kHz
FREQEST accuracy
±40
kHz
FREQEST offset
20
kHz
Step size (LSB value)
7.8
kHz
FREQUENCY SYNTHESIZER CHARACTERISTICS
Measured on Texas Instruments CC2533 EM reference design with TA = 25°C, VDD = 3 V, and fc = 2440 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
At ±1-MHz offset from carrier
–110
Phase noise, unmodulated carrier
At ±2-MHz offset from carrier
–117
dBc/Hz
At ±5-MHz offset from carrier
–122
BATTERY MONITOR CHARACTERISTICS
Measured on Texas Instruments CC2533 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Settling time
2
µs
For voltages up to 2.5 V
24
mV
Step size
For voltages above 2.5 V
169
mV
Across 1.95 V to 2.5 V, with single-point calibration at 1.95 V
2
20
mV
Calibrated accuracy
Across 2.5 V to 3.6 V, with single-point calibration at 1.95 V
10
55
mV
CONTROL INPUT AC CHARACTERISTICS
TA = –40°C to 125°C, VDD = 2 V to 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System clock, fSYSCLK
The undivided system clock is 32 MHz when crystal oscillator is used.
The undivided system clock is 16 MHz when calibrated 16-MHz RC
16
32
MHz
tSYSCLK = 1/fSYSCLK
oscillator is used.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CC2533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com