Electronic Components Datasheet Search
  English  ▼

X  

CC2533 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC2533
Description  An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2533 Datasheet(HTML) 2 Page - Texas Instruments

  CC2533 Datasheet HTML 1Page - Texas Instruments CC2533 Datasheet HTML 2Page - Texas Instruments CC2533 Datasheet HTML 3Page - Texas Instruments CC2533 Datasheet HTML 4Page - Texas Instruments CC2533 Datasheet HTML 5Page - Texas Instruments CC2533 Datasheet HTML 6Page - Texas Instruments CC2533 Datasheet HTML 7Page - Texas Instruments CC2533 Datasheet HTML 8Page - Texas Instruments CC2533 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
CC2533
SWRS087 – JUNE 2010
www.ti.com
DESCRIPTION
The CC2533 is an optimized system-on-chip (SoC) solution for IEEE 802.15.4 based remote-control systems. It
enables single-chip remote controls to be built with low bill-of-material cost when used as a flexible SoC. It also
provides a simple path to adding RF4CE capability to a device or target when used in the wireless network
processor configuration of the RemoTI™ RF4CE stack. Robust network nodes can be built with very low total
bill-of-material costs.
The CC2533 combines the excellent performance of a leading RF transceiver with a single-cycle 8051 compliant
CPU, up to 96-KB in-system programmable flash memory, up to 6-KB RAM, and many other powerful features.
The CC2533 has efficient power modes with RAM and register retention below 1 µA, making it highly suited for
low-duty-cycle systems where ultralow power consumption is required. Short transition times between operating
modes further ensure low energy consumption.
Combined with the golden-unit-status RemoTI stack from Texas Instruments, the CC2533 provides a robust and
complete ZigBee RF4CE remote-control solution. It is also ideal for implementing the target side of a
remote-control system in a network processor configuration with an SPI/UART/I2C interface. The CC2533 comes
complete with reference designs and example software that implement a remote control system to ensure
efficient design-in.
The CC2533 exists in three memory-size configurations:
CC2533F32 – 32-KB Flash, 4-KB RAM
CC2533F64 – 64-KB Flash, 4-KB RAM
CC2533F96 – 96-KB Flash, 6-KB RAM
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CC2533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com