Electronic Components Datasheet Search
  English  ▼

X  

CC2533 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC2533
Description  An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2533 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2533 Datasheet HTML 9Page - Texas Instruments CC2533 Datasheet HTML 10Page - Texas Instruments CC2533 Datasheet HTML 11Page - Texas Instruments CC2533 Datasheet HTML 12Page - Texas Instruments CC2533 Datasheet HTML 13Page - Texas Instruments CC2533 Datasheet HTML 14Page - Texas Instruments CC2533 Datasheet HTML 15Page - Texas Instruments CC2533 Datasheet HTML 16Page - Texas Instruments CC2533 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Time
DEBUG_ CLK
P2_2
t
1
t
2
1/f
clk_dbg
T0436-01
RESET_N
Time
DEBUG_ CLK
P2_2
t
3
t
4
t
5
T0437-01
CC2533
www.ti.com
SWRS087 – JUNE 2010
DEBUG INTERFACE AC CHARACTERISTICS
TA = –40°C to 125°C, VDD = 2 V to 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fclk_dbg
Debug clock frequency (see Figure 4)
12
MHz
t1
Allowed high pulse on clock (see Figure 4)
35
ns
t2
Allowed low pulse on clock (see Figure 4)
35
ns
t3
RESET_N low to first falling edge on debug clock (see Figure 5)
167
ns
t4
Falling edge on clock to RESET_N high (see Figure 5)
83
ns
t5
RESET_N high to first debug command (see Figure 5)
83
ns
t6
Debug data setup (see Figure 6)
2
ns
t7
Debug data hold (see Figure 6)
4
ns
t8
Clock-to-data delay (see Figure 6)
Load = 10 pF
30
ns
Figure 4. Debug Clock – Basic Timing
Figure 5. Data Setup and Hold Timing
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CC2533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com