Electronic Components Datasheet Search
  English  ▼

X  

CC2533 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC2533
Description  An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2533 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2533 Datasheet HTML 17Page - Texas Instruments CC2533 Datasheet HTML 18Page - Texas Instruments CC2533 Datasheet HTML 19Page - Texas Instruments CC2533 Datasheet HTML 20Page - Texas Instruments CC2533 Datasheet HTML 21Page - Texas Instruments CC2533 Datasheet HTML 22Page - Texas Instruments CC2533 Datasheet HTML 23Page - Texas Instruments CC2533 Datasheet HTML 24Page - Texas Instruments CC2533 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Supply Voltage (V)
2
2.4
2.8
3.2
3.6
-100
-99
-98
-97
-96
-95
-94
G005
Error Vector Magnitude (%)
0
5
10
15
20
25
30
35
40
45
-100
-98
-96
-94
-92
-90
G006
Frequency Offset (ppm)
-400
-300
-200
-100
0
100
200
300
400
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
G007
Carrier Level (dBm)
-95
-85
-75
-65
-55
-50
40
45
50
55
60
65
70
G008
CC2533
www.ti.com
SWRS087 – JUNE 2010
TYPICAL CHARACTERISTICS (continued)
SENSITIVITY
SENSITIVITY
vs
vs
SUPPLY VOLTAGE
ERROR VECTOR MAGNITUDE
Figure 13.
Figure 14.
ALTERNATE CHANNEL REJECTION
SENSITIVITY
(802.15.4 INTERFERER)
vs
vs
FREQUENCY OFFSET
CARRIER LEVEL
Figure 15.
Figure 16.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): CC2533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com