Electronic Components Datasheet Search
  English  ▼

X  

CC2533 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CC2533
Description  An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2533 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC2533 Datasheet HTML 13Page - Texas Instruments CC2533 Datasheet HTML 14Page - Texas Instruments CC2533 Datasheet HTML 15Page - Texas Instruments CC2533 Datasheet HTML 16Page - Texas Instruments CC2533 Datasheet HTML 17Page - Texas Instruments CC2533 Datasheet HTML 18Page - Texas Instruments CC2533 Datasheet HTML 19Page - Texas Instruments CC2533 Datasheet HTML 20Page - Texas Instruments CC2533 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
RESET
WATCHDOG
TIMER
IRQ CTRL
FLASH CTRL
DEBUG
INTERFACE
CLOCK MUX
and
CALIBRATION
DMA
8051 CPU
CORE
32-MHz
CRYSTAL OSC
32.768-kHz
CRYSTAL OSC
HIGH-
SPEED
RC-OSC
POWER MANAGEMENT CONTROLLER
USART 0
BATTERY AND TEMPERATURE
MONITOR
USART 1
TIMER 1 (16-Bit, IR Gen)
TIMER 3 (8-Bit)
TIMER 4 (8-Bit)
TIMER 2
(IEEE 802.15.4 MAC TIMER)
32/64/96-KB
FLASH
4/6 KB RAM
ON-CHIP VOLTAGE
REGULATOR
POWER-ON RESET
BROWN OUT
VDD (2 V–3.6 V)
DCOUPL
RESET_N
XOSC_Q2
XOSC_Q1
P2_4
P1_7
P0_7
P2_3
P1_6
P0_6
P2_2
P1_5
P0_5
P1_2
P0_2
P2_1
P1_4
P0_4
P1_1
P0_1
P2_0
P1_3
P0_3
P1_0
P0_0
B0301-04
RADIO DATA INTERFACE
CSMA/CA STROBE PROCESSOR
RADIO REGISTERS
MODULATOR
DEMODULATOR
and
AGC
RECEIVE
TRANSMIT
RF_P
RF_N
MEMORY
ARBITRATOR
FLASH
RAM
UNIFIED
SFR
IRAM
XRAM
PDATA
SLEEP TIMER
32-kHz
RC-OSC
DIGITAL
ANALOG
MIXED
I C
2
SCL
SDA
CC2533
www.ti.com
SWRS087 – JUNE 2010
CIRCUIT DESCRIPTION
Figure 8. CC2533 Block Diagram
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): CC2533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com