Electronic Components Datasheet Search
  English  ▼

X  

CC2533 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CC2533
Description  An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2533 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC2533 Datasheet HTML 15Page - Texas Instruments CC2533 Datasheet HTML 16Page - Texas Instruments CC2533 Datasheet HTML 17Page - Texas Instruments CC2533 Datasheet HTML 18Page - Texas Instruments CC2533 Datasheet HTML 19Page - Texas Instruments CC2533 Datasheet HTML 20Page - Texas Instruments CC2533 Datasheet HTML 21Page - Texas Instruments CC2533 Datasheet HTML 22Page - Texas Instruments CC2533 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
CC2533
www.ti.com
SWRS087 – JUNE 2010
A versatile five-channel DMA controller is available in the system, accesses memory using the XDATA memory
space, and thus has access to all physical memories. Each channel (trigger, priority, transfer mode, addressing
mode, source and destination pointers, and transfer count) is configured with DMA descriptors anywhere in
memory. Many of the hardware peripherals (AES core, flash controller, USARTs, timers, ADC interface) achieve
highly efficient operation by using the DMA controller for data transfers between SFR or XREG addresses and
flash/SRAM.
Timer 1 is a 16-bit timer with timer/counter/PWM functionality. It has a programmable prescaler, a 16-bit period
value, and five individually programmable counter/capture channels, each with a 16-bit compare value. Each of
the counter/capture channels can be used as a PWM output or to capture the timing of edges on input signals. It
can also be configured in IR Generation Mode, where it counts Timer 3 periods and the output is ANDed with
the output of Timer 3 to generate modulated consumer IR signals with minimal CPU interaction.
Timer 2 (the MAC Timer) is specially designed for supporting an IEEE 802.15.4 MAC or other time-slotted
protocol in software. The timer has a configurable timer period and a 24-bit overflow counter that can be used to
keep track of the number of periods that have transpired. A 40-bit capture register is also used to record the
exact time at which a start-of-frame delimiter is received/transmitted or the exact time at which transmission
ends, as well as two 16-bit output compare registers and two 24-bit overflow compare registers that can send
various command strobes (start RX, start TX, etc.) at specific times to the radio modules.
Timer 3 and Timer 4 are 8-bit timers with timer/counter/PWM functionality. They have a programmable
prescaler, an 8-bit period value, and one programmable counter channel with an 8-bit compare value. Each of
the counter channels can be used as a PWM output.
The sleep timer is an ultralow-power timer that counts 32-kHz crystal oscillator or 32-kHz RC oscillator periods.
The sleep timer runs continuously in all operating modes except power mode 3 (PM3). Typical applications of
this timer are as a real-time counter or as a wake-up timer to come out of power mode 1 (PM1) or 2 (PM2).
The battery monitor comparator enables simple voltage monitoring in the devices that do not include an ADC. It
is designed such that it is accurate in the voltage areas around 2 V, with lower resolution at higher voltages.
The random-number generator uses a 16-bit LFSR to generate pseudorandom numbers, which can be read by
the CPU or used directly by the command strobe processor. It can be seeded with random data from noise in the
radio ADC.
The AES encryption/decryption core allows the user to encrypt and decrypt data using the AES algorithm with
128-bit keys. The core is able to support the security operations required by IEEE 802.15.4 MAC security, the
ZigBee network layer, and the application layer.
A built-in watchdog timer allows the CC2533 to reset itself in case the firmware hangs. When enabled by
software, the watchdog timer must be cleared periodically; otherwise, it resets the device when it times out. It can
alternatively be configured for use as a general 32-kHz timer.
USART 0 and USART 1 are each configurable as either a SPI master/slave or a UART. They provide double
buffering on both RX and TX, as well as hardware flow control, and are thus well suited to high-throughput
full-duplex applications. Each has its own high-precision baud-rate generator, thus leaving the ordinary timers
free for other uses.
The I2C module provides a digital peripheral connection with two pins and supports both master and slave
operation.
Radio
The CC2533 features an IEEE 802.15.4-compliant radio transceiver. The RF core controls the analog radio
modules. In addition, it provides an interface between the MCU and the radio which makes it possible to issue
commands, read status, and automate and sequence radio events. The radio also includes a packet-filtering and
address-recognition module.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): CC2533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com