Electronic Components Datasheet Search
  English  ▼

X  

TPS2552DBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2552DBVT
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2552DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2552DBVT Datasheet HTML 5Page - Texas Instruments TPS2552DBVT Datasheet HTML 6Page - Texas Instruments TPS2552DBVT Datasheet HTML 7Page - Texas Instruments TPS2552DBVT Datasheet HTML 8Page - Texas Instruments TPS2552DBVT Datasheet HTML 9Page - Texas Instruments TPS2552DBVT Datasheet HTML 10Page - Texas Instruments TPS2552DBVT Datasheet HTML 11Page - Texas Instruments TPS2552DBVT Datasheet HTML 12Page - Texas Instruments TPS2552DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
2.30
T -JunctionTemperature-°C
J
-50
0
50
100
150
2.40
2.31
2.32
2.33
2.34
2.35
2.36
2.37
2.38
2.39
UVLORising
R
=20k
ILIM
W
UVLOFalling
0
0.40
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
0.36
T -JunctionTemperature-°C
J
-50
0
50
100
150
V
=2.5V
IN
V
=6.5V
IN
R
=20k
ILIM
W
0
150
15
30
45
60
75
90
105
120
135
T -JunctionTemperature-°C
J
-50
0
50
100
150
R
=20k
ILIM
W
V
=6.5V
IN
V
=5V
IN
V
=3.3V
IN
V
=2.5V
IN
0
PeakCurrent- A
0
1.5
3
4.5
6
20
2
4
6
8
10
12
14
16
18
V
=5V,
R
=20k ,
T =25°C
IN
ILIM
A
W
0
DBVPackage
25
50
75
100
125
150
DRVPackage
T -JunctionTemperature-°C
J
-50
0
50
100
150
TPS2552
TPS2553, TPS2552-1, TPS2553-1
www.ti.com...................................................................................................................................... SLVS841C – NOVEMBER 2008 – REVISED SEPTEMBER 2009
TYPICAL CHARACTERISTICS (continued)
Figure 16. Reverse-Voltage Protection Recovery
Figure 17. UVLO – Undervoltage Lockout – V
Figure 18. IIN – Supply Current, Output Disabled – µA
Figure 19. IIN – Supply Current, Output Enabled – µA
Figure 20. Current Limit Response –
µs
Figure 21. MOSFET rDS(on) Vs. Junction Temperature
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS2552 TPS2553 TPS2552-1 TPS2553-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com