Electronic Components Datasheet Search
  English  ▼

X  

TPS2552DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2552DBVT
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2552DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2552DBVT Datasheet HTML 6Page - Texas Instruments TPS2552DBVT Datasheet HTML 7Page - Texas Instruments TPS2552DBVT Datasheet HTML 8Page - Texas Instruments TPS2552DBVT Datasheet HTML 9Page - Texas Instruments TPS2552DBVT Datasheet HTML 10Page - Texas Instruments TPS2552DBVT Datasheet HTML 11Page - Texas Instruments TPS2552DBVT Datasheet HTML 12Page - Texas Instruments TPS2552DBVT Datasheet HTML 13Page - Texas Instruments TPS2552DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
0
100
200
300
400
500
600
700
800
900
1000
V
-V
-100mV/div
IN
OUT
T
=125°C
A
T
=25°C
A
T
=-40°C
A
V
=6.5V,
R
=20k
IN
ILIM
W
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
100
200
300
400
500
600
700
800
900
1000
V
-V
-100mV/div
IN
OUT
T
=25°C
A
T
=125°C
A
V
=6.5V,
R
=200k
IN
ILIM
W
T
=-40°C
A
TPS2552
TPS2553, TPS2552-1, TPS2553-1
SLVS841C – NOVEMBER 2008 – REVISED SEPTEMBER 2009...................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 22. Switch Current Vs. Drain-Source Voltage
Figure 23. Switch Current Vs. Drain-Source Voltage
Across Switch
Across Switch
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS2552 TPS2553 TPS2552-1 TPS2553-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com