Electronic Components Datasheet Search
  English  ▼

X  

TPS2552DBVT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2552DBVT
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2552DBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS2552DBVT Datasheet HTML 18Page - Texas Instruments TPS2552DBVT Datasheet HTML 19Page - Texas Instruments TPS2552DBVT Datasheet HTML 20Page - Texas Instruments TPS2552DBVT Datasheet HTML 21Page - Texas Instruments TPS2552DBVT Datasheet HTML 22Page - Texas Instruments TPS2552DBVT Datasheet HTML 23Page - Texas Instruments TPS2552DBVT Datasheet HTML 24Page - Texas Instruments TPS2552DBVT Datasheet HTML 25Page - Texas Instruments TPS2552DBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
TPS2552
TPS2553, TPS2552-1, TPS2553-1
SLVS841C – NOVEMBER 2008 – REVISED SEPTEMBER 2009...................................................................................................................................... www.ti.com
Revision History
Changes from Original (November 2009) to Revision A ................................................................................................ Page
• Changed Title from: ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES To: PRECISION
ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES......................................................................... 1
Changes from Revision A (December 2009) to Revision B ........................................................................................... Page
• Added To Features - UL Listed – File No. E169910 ............................................................................................................. 1
• Changed Figure 22 Ttitle From: Current Limit Threshold Vs R
ILM ....................................................................................... 10
• Changed Figure 23 Ttitle From: Current Limit Threshold Vs R
ILM ....................................................................................... 10
Changes from Revision B (February 2009) to Revision C ............................................................................................. Page
• Added Feature - Up to 1.5 A Maximum Load Current........................................................................................................... 1
• Changed 1.3 A (typ) To: 1.7 A (typ)....................................................................................................................................... 1
• Added Text - and provide up to 1.5 A of continuous load current......................................................................................... 1
• Changed From 1.2A to 1.5A .................................................................................................................................................. 2
• Changed I
OUT values for 1.2A and 1.5A................................................................................................................................. 3
• Changed T
J values for 1.2A and 1.5A ................................................................................................................................... 3
• Added R
ILIM = 15 kΩ option.................................................................................................................................................... 3
• Changed From: 19.1 kΩ ≤ R
ILIM ≤ 232 kΩ To: 15 kΩ ≤ RILIM ≤ 232 kΩ. ................................................................................ 5
• Changed Text From: current-limit threshold between 75 mA and 1.3 A (typ) To: current-limit threshold between 75
mA and 1.7 A (typ)............................................................................................................................................................... 11
• Changed Text From: The recommended 1% resistor range for R
ILIM is 19.1 kΩ ≤ RILIM ≤ 232 kΩ to ensure stability
To: The recommended 1% resistor range for RILIM is 15 kΩ ≤ RILIM ≤ 232 kΩ to ensure stability....................................... 13
• Changed From: where 19.1 kΩ ≤ R
ILIM ≤ 232 kΩ. To: where 15 kΩ ≤ RILIM ≤ 232 kΩ. ....................................................... 13
• Changed Figure 24 - Current-Limit Threshold vs R
ILIM ........................................................................................................ 14
• Changed Table 1 - added rows for Current Limit of 1400 to 1700 ...................................................................................... 16
22
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS2552 TPS2553 TPS2552-1 TPS2553-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com