Electronic Components Datasheet Search
  English  ▼

X  

TPS2552DBVT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2552DBVT
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2552DBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS2552DBVT Datasheet HTML 11Page - Texas Instruments TPS2552DBVT Datasheet HTML 12Page - Texas Instruments TPS2552DBVT Datasheet HTML 13Page - Texas Instruments TPS2552DBVT Datasheet HTML 14Page - Texas Instruments TPS2552DBVT Datasheet HTML 15Page - Texas Instruments TPS2552DBVT Datasheet HTML 16Page - Texas Instruments TPS2552DBVT Datasheet HTML 17Page - Texas Instruments TPS2552DBVT Datasheet HTML 18Page - Texas Instruments TPS2552DBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
APPLICATION 1: DESIGNING ABOVE A MINIMUM CURRENT LIMIT
1.016
ILIM
OSmin
25230V
OSmin
R
k
1
1.016
ILIM
OSmin
ILIM
I
(mA) = 1000mA
I
(mA) =
25230V
R
(k ) =
I
mA
R
(k ) = 24k
W
W
W
W
æ
ö÷
ç
÷
ç
÷
ç
÷
çè
ø
(2)
ILIM
OSmax
0.94
ILIM
OSmax
0.94
OSmax
R
(k ) = 23.7k
22980V
I
(mA) =
R
k
22980V
I
(mA) =
23.7
k
I
(mA) = 1172.4mA
W
W
W
W
(3)
APPLICATION 2: DESIGNING BELOW A MAXIMUM CURRENT LIMIT
0.94
ILIM
OSmax
22980V
OSmax
R
k
1
0.94
ILIM
OSmax
ILIM
I
(mA) = 500mA
I
(mA) =
22980V
R
(k ) =
I
mA
R
(k ) = 58.7k
W
W
W
W
æ
ö÷
ç
÷
ç
÷
ç
÷
çè
ø
(4)
ILIM
OSmin
1.016
ILIM
OSmin
1.016
OSmin
R
(k ) = 59k
25230V
I
(mA) =
R
k
25230V
I
(mA) =
59
k
I
(mA) = 400.6mA
W
W
W
W
(5)
TPS2552
TPS2553, TPS2552-1, TPS2553-1
www.ti.com...................................................................................................................................... SLVS841C – NOVEMBER 2008 – REVISED SEPTEMBER 2009
Some applications require that current limiting cannot occur below a certain threshold. For this example, assume
that 1 A must be delivered to the load so that the minimum desired current-limit threshold is 1000 mA. Use the
IOS equations and Figure 24 to select RILIM.
Select the closest 1% resistor less than the calculated value: RILIM = 23.7 kΩ. This sets the minimum current-limit
threshold at 1 A . Use the IOS equations, Figure 24, and the previously calculated value for RILIM to calculate the
maximum resulting current-limit threshold.
The resulting maximum current-limit threshold is 1172.4 mA with a 23.7 k
Ω resistor.
Some applications require that current limiting must occur below a certain threshold. For this example, assume
that the desired upper current-limit threshold must be below 500 mA to protect an up-stream power supply. Use
the IOS equations and Figure 24 to select RILIM.
Select the closest 1% resistor greater than the calculated value: RILIM = 59 kΩ. This sets the maximum
current-limit threshold at 500 mA . Use the IOS equations, Figure 24, and the previously calculated value for RILIM
to calculate the minimum resulting current-limit threshold.
The resulting minimum current-limit threshold is 400.6 mA with a 59 k
Ω resistor.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TPS2552 TPS2553 TPS2552-1 TPS2553-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com