Electronic Components Datasheet Search
  English  ▼

X  

TPS2552DBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2552DBVT
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2552DBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2552DBVT Datasheet HTML 17Page - Texas Instruments TPS2552DBVT Datasheet HTML 18Page - Texas Instruments TPS2552DBVT Datasheet HTML 19Page - Texas Instruments TPS2552DBVT Datasheet HTML 20Page - Texas Instruments TPS2552DBVT Datasheet HTML 21Page - Texas Instruments TPS2552DBVT Datasheet HTML 22Page - Texas Instruments TPS2552DBVT Datasheet HTML 23Page - Texas Instruments TPS2552DBVT Datasheet HTML 24Page - Texas Instruments TPS2552DBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TWO-LEVEL CURRENT-LIMIT CIRCUIT
OUT
IN
GND
FAULT
ILIM
EN
ControlSignal
Input
Fault Signal
PowerPad
Output
CurrentLimit
ControlSignal
0.1 F
m
R
100k
FAULT
W
CLOAD
RLOAD
R1
210kW
R2
22.1kW
Q1
2N7002
TPS2552
TPS2553, TPS2552-1, TPS2553-1
www.ti.com...................................................................................................................................... SLVS841C – NOVEMBER 2008 – REVISED SEPTEMBER 2009
Some applications require different current-limit thresholds depending on external system conditions. Figure 27
shows an implementation for an externally controlled, two-level current-limit circuit. The current-limit threshold is
set by the total resistance from ILIM to GND (see the Programming the Current-Limit Threshold section). A
logic-level input enables/disables MOSFET Q1 and changes the current-limit threshold by modifying the total
resistance from ILIM to GND. Additional MOSFET/resistor combinations can be used in parallel to Q1/R2 to
increase the number of additional current-limit levels.
NOTE:
ILIM should never be driven directly with an external signal.
Figure 27. Two-Level Current-Limit Circuit
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS2552 TPS2553 TPS2552-1 TPS2553-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com