Electronic Components Datasheet Search
  English  ▼

X  

TPS2552DBVT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2552DBVT
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2552DBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS2552DBVT Datasheet HTML 14Page - Texas Instruments TPS2552DBVT Datasheet HTML 15Page - Texas Instruments TPS2552DBVT Datasheet HTML 16Page - Texas Instruments TPS2552DBVT Datasheet HTML 17Page - Texas Instruments TPS2552DBVT Datasheet HTML 18Page - Texas Instruments TPS2552DBVT Datasheet HTML 19Page - Texas Instruments TPS2552DBVT Datasheet HTML 20Page - Texas Instruments TPS2552DBVT Datasheet HTML 21Page - Texas Instruments TPS2552DBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
UNIVERSAL SERIAL BUS (USB) POWER-DISTRIBUTION REQUIREMENTS
TPS2552
TPS2553, TPS2552-1, TPS2553-1
SLVS841C – NOVEMBER 2008 – REVISED SEPTEMBER 2009...................................................................................................................................... www.ti.com
One application for this device is for current limiting in universal serial bus (USB) applications. The original USB
interface was a 12-Mb/s or 1.5-Mb/s, multiplexed serial bus designed for low-to-medium bandwidth PC
peripherals (e.g., keyboards, printers, scanners, and mice). As the demand for more bandwidth increased, the
USB 2.0 standard was introduced increasing the maximum data rate to 480-Mb/s. The four-wire USB interface is
conceived for dynamic attach-detach (hot plug-unplug) of peripherals. Two lines are provided for differential data,
and two lines are provided for 5-V power distribution.
USB data is a 3.3-V level signal, but power is distributed at 5 V to allow for voltage drops in cases where power
is distributed through more than one hub across long cables. Each function must provide its own regulated 3.3 V
from the 5-V input or its own internal power supply. The USB specification classifies two different classes of
devices depending on its maximum current draw. A device classified as low-power can draw up to 100 mA as
defined by the standard. A device classified as high-power can draw up to 500 mA. It is important that the
minimum current-limit threshold of the current-limiting power-switch exceed the maximum current-limit draw of
the intended application. The latest USB standard should always be referenced when considering the
current-limit threshold
The USB specification defines two types of devices as hubs and functions. A USB hub is a device that contains
multiple ports for different USB devices to connect and can be self-powered (SPH) or bus-powered (BPH). A
function is a USB device that is able to transmit or receive data or control information over the bus. A USB
function can be embedded in a USB hub. A USB function can be one of three types included in the list below.
• Low-power, bus-powered function
• High-power, bus-powered function
• Self-powered function
SPHs and BPHs distribute data and power to downstream functions. The TPS2552/53 has higher current
capability than required for a single USB port allowing it to power multiple downstream ports.
18
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS2552 TPS2553 TPS2552-1 TPS2553-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com