Electronic Components Datasheet Search
  English  ▼

X  

LM26480 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26480
Description  Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26480 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM26480 Datasheet HTML 16Page - National Semiconductor (TI) LM26480 Datasheet HTML 17Page - National Semiconductor (TI) LM26480 Datasheet HTML 18Page - National Semiconductor (TI) LM26480 Datasheet HTML 19Page - National Semiconductor (TI) LM26480 Datasheet HTML 20Page - National Semiconductor (TI) LM26480 Datasheet HTML 21Page - National Semiconductor (TI) LM26480 Datasheet HTML 22Page - National Semiconductor (TI) LM26480 Datasheet HTML 23Page - National Semiconductor (TI) LM26480 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Design Implementation of the Flexible Power-On Reset
30040409
Design implementation of the flexible power-on reset. An in-
ternal power-on reset of the IC is used with EN1 and EN2 to
produce a reset signal (LOW) to the delay timer nPOR. EN1
and RDY1 or EN2 and RDY2 are used to generate the set
signal (HIGH) to the delay timer. S=R=1 never occurs. The
mask timers are triggered off EN1 and EN2 which are gated
with RDY1, and RDY2 to generate outputs to the final AND
gate to generate the nPOR.
UNDER VOLTAGE LOCK OUT
The LM26480 features an “under voltage lock out circuit”. The
function of this circuit is to continuously monitor the raw input
supply voltage (VINLDO12) and automatically disables the
four voltage regulators whenever this supply voltage is less
than 2.8 VDC.
The circuit incorporates a bandgap based circuit that estab-
lishes the reference used to determine the 2.8 VDC trip point
for a V
IN OK – Not OK detector. This VIN OK signal is then
used to gate the enable signals to the four regulators of the
LM26480. When VINLDO12 is greater than 2.8 VDC the four
enables control the four regulators, when VINLDO12 is less
than 2.8 VDC the four regulators are disabled by the V
IN de-
tector being in the “Not OK” state. The circuit has built in
hysteresis to prevent chattering occurring.
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com