Electronic Components Datasheet Search
  English  ▼

X  

LM26480 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26480
Description  Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26480 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM26480 Datasheet HTML 12Page - National Semiconductor (TI) LM26480 Datasheet HTML 13Page - National Semiconductor (TI) LM26480 Datasheet HTML 14Page - National Semiconductor (TI) LM26480 Datasheet HTML 15Page - National Semiconductor (TI) LM26480 Datasheet HTML 16Page - National Semiconductor (TI) LM26480 Datasheet HTML 17Page - National Semiconductor (TI) LM26480 Datasheet HTML 18Page - National Semiconductor (TI) LM26480 Datasheet HTML 19Page - National Semiconductor (TI) LM26480 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
30040405
SHUTDOWN MODE
During shutdown the PFET switch, reference, control and
bias circuitry of the converters are turned off. The NFET
switch will be on in shutdown to discharge the output. When
the converter is enabled, soft start is activated. It is recom-
mended to disable the converter during the system power up
and under voltage conditions when the supply is less than
2.8V.
SOFT START
The soft-start feature allows the power converter to gradually
reach the initial steady state operating point, thus reducing
startup stresses and surges. The two LM26480 buck con-
verters have a soft-start circuit that limits in-rush current dur-
ing startup. During startup the switch current limit is increased
in steps. Soft start is activated only if EN goes from logic low
to logic high after V
IN reaches 2.8V. Soft start is implemented
by increasing switch current limit in steps of 250 mA, 500 mA,
950 mA and 2A for both bucks (typ. switch current limit). The
startup time thereby depends on the output capacitor and load
current demanded at start-up.
LOW DROPOUT OPERATION
The LM26480 can operate at 100% duty cycle (no switching;
PMOS switch completely on) for low dropout support of the
output voltage. In this way the output voltage will be controlled
down to the lowest possible input voltage. When the device
operates near 100% duty cycle, output voltage ripple is ap-
proximately 25 mV. The minimum input voltage needed to
support the output voltage is
V
IN, MIN = ILOAD * (RDSON, PFET + RINDUCTOR) + VOUT
— ILOAD
Load current
— RDSON, PFET
Drain to source resistance of
PFET switch in the triode region
— RINDUCTOR
Inductor resistance
FLEXIBLE POWER-ON RESET (i.e., POWER GOOD WITH
DELAY)
The LM26480 is equipped with an internal Power-On-Reset
(“POR”) circuit which monitors the output voltage levels on
bucks 1 and 2. The nPOR is an open drain logic output which
is logic LOW when either of the buck outputs are below 91%
of the rising value , or when one or both outputs fall below
82% of the desired value. The time delay between output
voltage level and nPOR is enabled is (50 µs, 50 ms, 100 ms,
200 ms), 50 ms by default. For any other delay option, other
than the default, please consult a National Sales Represen-
tative. The system designer can choose the external pull-up
resistor (i.e. 100 k
Ω ) for the nPOR pin.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com